Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS320C32PCM Datasheet(PDF) 17 Page - Texas Instruments

Part # TMS320C32PCM
Description  DIGITAL SIGNAL PROCESSOR
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320C32PCM Datasheet(HTML) 17 Page - Texas Instruments

Back Button TMS320C32PCM Datasheet HTML 13Page - Texas Instruments TMS320C32PCM Datasheet HTML 14Page - Texas Instruments TMS320C32PCM Datasheet HTML 15Page - Texas Instruments TMS320C32PCM Datasheet HTML 16Page - Texas Instruments TMS320C32PCM Datasheet HTML 17Page - Texas Instruments TMS320C32PCM Datasheet HTML 18Page - Texas Instruments TMS320C32PCM Datasheet HTML 19Page - Texas Instruments TMS320C32PCM Datasheet HTML 20Page - Texas Instruments TMS320C32PCM Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 44 page
background image
TMS320C32
DIGITAL SIGNAL PROCESSOR
SPRS027C – JANUARY 1995 – REVISED DECEMBER 1996
17
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251–1443
absolute maximum ratings over specified temperature ranges (unless otherwise noted)†
Supply voltage range, VCC (see Note 1)
– 0.3 V to 7 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input voltage range
– 0.3 V to 7 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Output voltage range, VO
– 0.3 V to 7 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Continuous power dissipation (see Note 2)
1.95 W
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating case temperature, TC
(PCM (commercial)
0
°C to 85°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
(PCMA (extended)
– 40
°C to 125°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage temperature range, Tstg
– 55
°C to 150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
† Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
NOTES:
1. All voltage values are with respect to VSS.
2. This value calculated for the ’C32-40. Actual operating power is less. This value was obtained under specially produced worst-case
test conditions which are not sustained during normal device operation. These conditions consist of continuous parallel writes of
a checkerboard pattern to the external bus at the maximum rate possible. See normal (IDD) current specification in the electrical
characteristics table and refer the
Calculation of TMS320C30 Power Dissipation Application Report (literature number SPRU031).
recommended operating conditions (see Note 3)‡
MIN
NOM‡
MAX
UNIT
VDD
Supply voltage (DVDD, VDDL)
4.75
5
5.25
V
VSS
Supply voltage (CVSS, VSSL, IVSS, DVSS, VSUBS)
0
V
VIH
High level input voltage
CLKIN
2.6
VDD + 0.3§
V
VIH
High-level input voltage
All other inputs
2
VDD + 0.3§
V
VIL
Low-level input voltage
– 0.3§
0.8
V
IOH
High-level output current
– 300
µA
IOL
Low-level output current
2
mA
TC
Operating case temperature (commercial)
0
85
°C
TC
Operating case temperature (extended)
– 40
125
°C
‡ All nominal values are at VDD = 5 V, TA (ambient air temperature)= 25°C.
§ These values are derived from characterization and not tested.
NOTE 3: All input and output voltage levels are TTL compatible.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com