Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS320C32PCM Datasheet(PDF) 22 Page - Texas Instruments

Part # TMS320C32PCM
Description  DIGITAL SIGNAL PROCESSOR
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320C32PCM Datasheet(HTML) 22 Page - Texas Instruments

Back Button TMS320C32PCM Datasheet HTML 18Page - Texas Instruments TMS320C32PCM Datasheet HTML 19Page - Texas Instruments TMS320C32PCM Datasheet HTML 20Page - Texas Instruments TMS320C32PCM Datasheet HTML 21Page - Texas Instruments TMS320C32PCM Datasheet HTML 22Page - Texas Instruments TMS320C32PCM Datasheet HTML 23Page - Texas Instruments TMS320C32PCM Datasheet HTML 24Page - Texas Instruments TMS320C32PCM Datasheet HTML 25Page - Texas Instruments TMS320C32PCM Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 44 page
background image
TMS320C32
DIGITAL SIGNAL PROCESSOR
SPRS027C – JANUARY 1995 – REVISED DECEMBER 1996
22
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251–1443
memory-read-cycle and memory-write-cycle timing (STRBx) (see Figure 16 and Figure 17)
NO
’C32 - 40
’C32 - 50
’C32 - 60
UNIT
NO.
MIN
MAX
MIN
MAX
MIN
MAX
UNIT
11
td(H1L - SL)
Delay time, H1 low to STRBx low
0†
11
0†
9
0†
7
ns
12
td(H1L - SH)
Delay time, H1 low to STRBx high
0†
11
0†
9
0†
7
ns
13
td(H1H - RWL)
Delay time, H1 high to R / W low (read)
0†
11
0†
9
0†
8
ns
14
td(H1L - A)
Delay time, H1 low to A valid
0†
11
0†
9
0†
7
ns
15
tsu(D)R
Setup time, D valid before H1 low (read)
13
10
10
ns
16
th(D)R
Hold time, D after H1 low (read)
0
0
0
ns
17
tsu(RDY)
Setup time, RDY before H1 low
21
19
17
ns
18
th(RDY)
Hold time, RDY after H1 low
0
0
0
ns
19
td(H1H - RWH) Delay time, H1 high to R / W high (write)
11
9
8
ns
20
tv(D)W
Valid time, D after H1 low (write)
17
14
12
ns
21
th(D)W
Hold time, D after H1 high (write)
0
0
0
ns
22
td(H1H - A)
Delay time, H1 high to A valid on back-to-back write
cycles
11
9
8
ns
† Assured from characterization but not tested
16
H3
H1
R/W
A
D
RDY
15
13
11
12
14
18
17
STRBx ‡
‡ STRBx remains low during back-to-back operations.
Figure 16. Memory-Read-Cycle Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com