Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS320C32PCM Datasheet(PDF) 32 Page - Texas Instruments

Part # TMS320C32PCM
Description  DIGITAL SIGNAL PROCESSOR
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320C32PCM Datasheet(HTML) 32 Page - Texas Instruments

Back Button TMS320C32PCM Datasheet HTML 28Page - Texas Instruments TMS320C32PCM Datasheet HTML 29Page - Texas Instruments TMS320C32PCM Datasheet HTML 30Page - Texas Instruments TMS320C32PCM Datasheet HTML 31Page - Texas Instruments TMS320C32PCM Datasheet HTML 32Page - Texas Instruments TMS320C32PCM Datasheet HTML 33Page - Texas Instruments TMS320C32PCM Datasheet HTML 34Page - Texas Instruments TMS320C32PCM Datasheet HTML 35Page - Texas Instruments TMS320C32PCM Datasheet HTML 36Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 44 page
background image
TMS320C32
DIGITAL SIGNAL PROCESSOR
SPRS027C – JANUARY 1995 – REVISED DECEMBER 1996
32
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251–1443
timing for RESET [Q = tc(CI)] (continued)
CLKIN
H1
H3
50
51
54
57
58.1
60
59
53
52
55
RESET†‡
IACK
D§
A§
Control
Signals ¶
Asynchronous
Reset Signals #
56
58.2
R/W
10 H1 Clock Cycles
† RESET is an asynchronous input and can be asserted at any point during a clock cycle. If the specified timings are met, the exact sequence shown
occurs; otherwise, an additional delay of one clock cycle can occur.
‡ The R / W output is placed in the high-impedance state during reset and can be provided with a resistive pullup, nominally 18 – 22 k
Ω, if undesirable
spurious writes can occur when these outputs go low.
§ In microprocessor mode (MCBL / MP = 0), reset vector is fetched twice with seven software wait states each. In microcomputer mode
(MCBL / MP = 1), the reset vector is fetched two times, with no software wait states.
¶ Control signals include STRBx and IOSTRB.
# Asynchronous reset signals include XF0 / 1, CLKX0, DX0, FSX0, CLKR0, DR0, FSR0, and TCLKx .
Figure 26. RESET Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com