Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS3471CFS Datasheet(PDF) 6 Page - Texas Instruments

Part # TMS3471CFS
Description  2/3-INCH NTSC TIMER
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS3471CFS Datasheet(HTML) 6 Page - Texas Instruments

Back Button TMS3471CFS Datasheet HTML 2Page - Texas Instruments TMS3471CFS Datasheet HTML 3Page - Texas Instruments TMS3471CFS Datasheet HTML 4Page - Texas Instruments TMS3471CFS Datasheet HTML 5Page - Texas Instruments TMS3471CFS Datasheet HTML 6Page - Texas Instruments TMS3471CFS Datasheet HTML 7Page - Texas Instruments TMS3471CFS Datasheet HTML 8Page - Texas Instruments TMS3471CFS Datasheet HTML 9Page - Texas Instruments TMS3471CFS Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
TMS3471C
2/3-INCH NTSC TIMER
SOCS028B – AUGUST 1991
6
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
electrical characteristics over recommended ranges of supply voltage and operating free-air
temperature, VCC = 5 V (unless otherwise noted)†
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VOH
High-level output voltage
IOH  <1 µA
4.95
V
VOL
Low-level output voltage
IOL  <1 µA
0.05
V
I
‡
High level input current
VCC = 5 V
75
µA
IIH‡
High-level input current
VCC = 4.5 V
65
µA
IIL
Low level input current
VCC = 5.5 V
225
µA
IIL
Low-level input current
VCC = 5 V
200
µA
S1, T, ABIN, PS, PI, GT
– 0.1
S2,3, PD
– 0.2
SH1, GT1, GT2, GT3
– 2.5
SH2,3
VOH =3 5V
–5
IOH
High-level output current
BCP1, BCP2
VOH = 3.5 V
–1
mA
SC, SC(90)
–3
CP2
– 0.6
CLK2M
– 0.3
All other outputs
VOH = 4.6 V
– 0.5
S1, T, ABIN, PS, PI, GT
0.1
S2,3, PD
0.2
SH1, GT1, GT2, GT3
2.5
SH2,3
5
IOL
Low-level output current
BCP1, BCP2
VOL = 0.4 V
1
mA
SC, SC(90)
0.3
CP2
0.6
CLK2M
0.3
All other outputs
0.5
ICC(AV)
Average supply current
40
mA
ICC(S)
Standby supply current
15
mA
† The SB input is a Schmitt-trigger input with 0.5-V to 1-V hysteresis.
‡ All inputs have pullup-current sources.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com