Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS3471CFS Datasheet(PDF) 1 Page - Texas Instruments

Part # TMS3471CFS
Description  2/3-INCH NTSC TIMER
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS3471CFS Datasheet(HTML) 1 Page - Texas Instruments

  TMS3471CFS Datasheet HTML 1Page - Texas Instruments TMS3471CFS Datasheet HTML 2Page - Texas Instruments TMS3471CFS Datasheet HTML 3Page - Texas Instruments TMS3471CFS Datasheet HTML 4Page - Texas Instruments TMS3471CFS Datasheet HTML 5Page - Texas Instruments TMS3471CFS Datasheet HTML 6Page - Texas Instruments TMS3471CFS Datasheet HTML 7Page - Texas Instruments TMS3471CFS Datasheet HTML 8Page - Texas Instruments TMS3471CFS Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
TMS3471C
2/3-INCH NTSC TIMER
SOCS028B – AUGUST 1991
Copyright
© 1991, Texas Instruments Incorporated
1
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
• NTSC-Timing Operation
• Solid-State Reliability
• Monochrome Operation
• Eight Selectable-Antiblooming Modes
• Surface-Mount Package
• Clamp-Pulse Select Option
description
The TMS3471C is a monolithic integrated circuit
designed to supply timing signals for the Texas
Instruments (TI
™) 11-mm diagonal TC241 mono-
chrome CCD image sensor. The TMS3471C
supplies both CCD drive signals and NTSC
television synchronization signals at standard
video rates. It requires a single 5-V supply voltage
and a 14.318-MHz crystal-oscillator input. The
TMS3471C provides several options, including
multiple antiblooming modes, clamp-pulse selec-
tion, and delayed horizontal transfer.
The TMS3471C is used in conjunction with
level-shifting devices such as the TI TMS3473B
parallel driver and the TI TMS3472A serial driver.
It also supplies sample-and-hold signals for the TI TL1593 three-channel sample-and-hold and multiplex signals
for the TI TL1051 video preprocessor. The TMS3471C NTSC synchronization-signal outputs include composite
sync, composite blank, clamp, subcarrier, subcarrier delayed by 90 degrees, and burst flag.
The TMS3471C is supplied in a 44-pin plastic flat package and is characterized for operation from – 20
°C
to 45
°C.
This device contains circuits to protect its inputs and outputs against damage due to high static voltages or electrostatic fields. These
circuits have been qualified to protect this device against electrostatic discharges (ESD) of up to 2 kV according to MIL-STD-883C,
Method 3015; however, precautions should be taken to avoid application of any voltage higher than maximum-rated voltages to these
high-impedance circuits. During storage or handling, the device leads should be shorted together or the device should be placed in
conductive foam. In a circuit, unused inputs should always be connected to an appropriate logic voltage level, preferably either VCC or ground.
Specific guidelines for handling devices of this type are contained in the publication
Guidelines for Handling Electrostatic-Discharge-Sensitive
(ESDS) Devices and Assemblies available from Texas Instruments.
GND
SH1
SH2,3
PI
ABIN
GT
PS
PD
S2,3
S1
T
12 13
1
2
3
4
5
6
7
8
9
10
11
BCP2
CP2
CP1
CSYNC
CBLK
BF
SC
SC(90)
ABS0
ABS1
ABS2
14 15 16 17
FS PACKAGE
(TOP VIEW)
43 42 41 40 39
44
38
36 35 34
37
18 19 20 21 22
33
32
31
30
29
28
27
26
25
24
23
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
TI is a trademark of Texas Instruments Incorporated.


Similar Part No. - TMS3471CFS

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS3471CFS TI-TMS3471CFS Datasheet
282Kb / 18P
780- 횞 488-pixel ccd image sensor
More results

Similar Description - TMS3471CFS

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN28835 TI-SN28835 Datasheet
254Kb / 17P
1/2-INCH NTSC TIMER
SN28837 TI-SN28837 Datasheet
296Kb / 18P
1/2-INCH PAL TIMER
logo
Samsung semiconductor
KC73125UCA SAMSUNG-KC73125UCA Datasheet
248Kb / 20P
1/3 INCH CCD IMAGE SENSOR FOR NTSC CAMERA
logo
Sony Corporation
ICX026CKA SONY-ICX026CKA Datasheet
324Kb / 15P
1/2 INCH CCD IMAGE SENSOR FOR NTSC COLOR CAMERA
ICX054AK SONY-ICX054AK Datasheet
340Kb / 18P
1/3-inch CCD Image Sensor for NTSC Color Camera
logo
Hamamatsu Corporation
C3077 HAMAMATSU-C3077 Datasheet
103Kb / 2P
2/3-inch CCD Video Camera
logo
Holtek Semiconductor In...
HT1330 HOLTEK-HT1330 Datasheet
98Kb / 8P
3 1/2 Digit Timer Watch
August 10, 2000
logo
A1 PROs co., Ltd.
AI325CA A1PROS-AI325CA Datasheet
58Kb / 8P
1/3 inch CCD Image Sensor for NTSC Camera
logo
Texas Instruments
TMC57750 TI1-TMC57750 Datasheet
200Kb / 14P
1/4-INCH RS-170 TIMER
logo
Bel Fuse Inc.
MBC120 BEL-MBC120 Datasheet
731Kb / 5P
3 x 2 Inch Footprint
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com