Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS3471CFS Datasheet(PDF) 12 Page - Texas Instruments

Part # TMS3471CFS
Description  2/3-INCH NTSC TIMER
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS3471CFS Datasheet(HTML) 12 Page - Texas Instruments

Back Button TMS3471CFS Datasheet HTML 8Page - Texas Instruments TMS3471CFS Datasheet HTML 9Page - Texas Instruments TMS3471CFS Datasheet HTML 10Page - Texas Instruments TMS3471CFS Datasheet HTML 11Page - Texas Instruments TMS3471CFS Datasheet HTML 12Page - Texas Instruments TMS3471CFS Datasheet HTML 13Page - Texas Instruments TMS3471CFS Datasheet HTML 14Page - Texas Instruments TMS3471CFS Datasheet HTML 15Page - Texas Instruments TMS3471CFS Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 19 page
background image
TMS3471C
2/3-INCH NTSC TIMER
SOCS028B – AUGUST 1991
12
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
20
130
178
192
195
260
125
128
262
8
VS
EQ
CBLK
BCP1
CP1
BCP2
0
5
10
15
83 96
100
125
(130)
25
52
55
60
65
65
123
313
3
13
22
0
20
14
20.5
0
CSYNC
BF
CP2
20
17
20.5
17.5
SH1,
SH2,3
PS
13
11
11
9
7
5
3
1
0
S1, S2,3
0
14
HGATE
3
97
20.5
100
WHTA
20.5
20.5
83
WHTB
175
262.5
258.5
WHTA
WHTB
VD
VGATE
Vertical
Scale‡
PI
T
Horizontal
Scale†
† 130 intervals equal 63.55
µs equals one horizontal-scan line
‡ 525 intervals equal 33.33 ms equals one TV frame
Figure 6. H Timing and WHTA, WHTB (V,H) Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com