Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TNETEL1400 Datasheet(PDF) 5 Page - Texas Instruments

Part # TNETEL1400
Description  EtherLoopE TRANSCEIVER
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TNETEL1400 Datasheet(HTML) 5 Page - Texas Instruments

  TNETEL1400 Datasheet HTML 1Page - Texas Instruments TNETEL1400 Datasheet HTML 2Page - Texas Instruments TNETEL1400 Datasheet HTML 3Page - Texas Instruments TNETEL1400 Datasheet HTML 4Page - Texas Instruments TNETEL1400 Datasheet HTML 5Page - Texas Instruments TNETEL1400 Datasheet HTML 6Page - Texas Instruments TNETEL1400 Datasheet HTML 7Page - Texas Instruments TNETEL1400 Datasheet HTML 8Page - Texas Instruments TNETEL1400 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
TNETEL1400
EtherLoop
™ TRANSCEIVER
SPHS004A – FEBRUARY 1999 – REVISED MARCH 1999
5
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
Terminal Functions
transmit (TX)
TERMINAL
I/O†
DESCRIPTION
NAME
NO.
I/O†
DESCRIPTION
CBIAS1
2
I/O
Transmit voltage bias decoupling
IN_INT
6
I
Transmit interstage ac coupling pin 1 (negative side)
IP_INT
4
I
Transmit interstage ac coupling pin 2 (positive side)
ON_INT
7
O
Transmit interstage ac coupling pin 2 (negative side)
OP_INT
5
O
Transmit interstage ac coupling pin 1 (positive side)
REMREF
3
O
Transmit temperature-compensating bias reference
TX_EN
26
I
Transmit enable
1 = Transmitter enabled
0 = Transmitter disabled
TXBIAS
16
I
Transmit current bias
TXGAIN3
TXGAIN2
TXGAIN1
TXGAIN0
23 (MSB)
22
21
20 (LSB)
I
Transmit preattenuation select (0 to –30 dB in –3-dB steps)
0000 = 0 dB
0001 = – 3 dB
•
•
•
1010 = –30 dB
1011 = TX OFF
•
•
•
1110 = TX OFF
1111 = TX OFF
TXINN
10
I
Transmit input negative. TXINN can be coupled to ground for SE input).
TXINP
9
I
Transmit input positive. TXINP can be coupled to ground for SE input).
TXON
46
O
Transmitter output negative
TXOP
45
O
Transmitter output positive
† I = input, O = output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com