Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TNETEL1400 Datasheet(PDF) 14 Page - Texas Instruments

Part # TNETEL1400
Description  EtherLoopE TRANSCEIVER
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TNETEL1400 Datasheet(HTML) 14 Page - Texas Instruments

Back Button TNETEL1400 Datasheet HTML 7Page - Texas Instruments TNETEL1400 Datasheet HTML 8Page - Texas Instruments TNETEL1400 Datasheet HTML 9Page - Texas Instruments TNETEL1400 Datasheet HTML 10Page - Texas Instruments TNETEL1400 Datasheet HTML 11Page - Texas Instruments TNETEL1400 Datasheet HTML 12Page - Texas Instruments TNETEL1400 Datasheet HTML 13Page - Texas Instruments TNETEL1400 Datasheet HTML 14Page - Texas Instruments TNETEL1400 Datasheet HTML 15Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 14 / 15 page
background image
TNETEL1400
EtherLoop
™ TRANSCEIVER
SPHS004A – FEBRUARY 1999 – REVISED MARCH 1999
14
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
MECHANICAL DATA
PT (S-PQFP-G48)
PLASTIC QUAD FLATPACK
4040052 / C 11/96
0,13 NOM
0,17
0,27
25
24
SQ
12
13
36
37
6,80
7,20
1
48
5,50 TYP
0,25
0,45
0,75
0,05 MIN
SQ
9,20
8,80
1,35
1,45
1,60 MAX
Gage Plane
Seating Plane
0,10
0
°–7°
0,50
M
0,08
NOTES: A. All linear dimensions are in millimeters.
B. This drawing is subject to change without notice.
C. Falls within JEDEC MS-026
D. This may also be a thermally enhanced plastic package with leads conected to the die pads.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com