Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TNETEL1400 Datasheet(PDF) 6 Page - Texas Instruments

Part # TNETEL1400
Description  EtherLoopE TRANSCEIVER
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TNETEL1400 Datasheet(HTML) 6 Page - Texas Instruments

Back Button TNETEL1400 Datasheet HTML 2Page - Texas Instruments TNETEL1400 Datasheet HTML 3Page - Texas Instruments TNETEL1400 Datasheet HTML 4Page - Texas Instruments TNETEL1400 Datasheet HTML 5Page - Texas Instruments TNETEL1400 Datasheet HTML 6Page - Texas Instruments TNETEL1400 Datasheet HTML 7Page - Texas Instruments TNETEL1400 Datasheet HTML 8Page - Texas Instruments TNETEL1400 Datasheet HTML 9Page - Texas Instruments TNETEL1400 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
TNETEL1400
EtherLoop
™ TRANSCEIVER
SPHS004A – FEBRUARY 1999 – REVISED MARCH 1999
6
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
Terminal Functions (Continued)
receive (RX)
TERMINAL
I/O†
DESCRIPTION
NAME
NO.
I/O†
DESCRIPTION
RX_TERM
30
I
Receive passive termination
RX_TERM = 1: 110
Ω switched IN
RX_TERM = 0: 110
Ω switched OUT
RXBIAS
17
I
Receive current bias
RXGAIN2
RXGAIN1
RXGAIN0
29 (MSB)
27
28 (LSB)
I
Receive gain select
000 = RX OFF
•
•
•
011 = RX OFF
100 = 0 dB
101 = 12 dB
110 = 24 dB
111 = 30 dB
RXIN
40
I
Receiver input negative/TX feedback
RXIP
39
I
Receiver input positive/TX feedback
RXOUT
31
O
Receiver output (single ended)
† I = input, O = output
miscellaneous
TERMINAL
I/O†
DESCRIPTION
NAME
NO.
I/O†
DESCRIPTION
ANG
19
O
Analog ground (2.5 V) reference
REFP
18
O
4-V bandgap reference
REMN
44
I/O
Negative external emitter resistor
REMP
47
I/O
Positive external emitter resistor
† I = input, O = output
power supply
TERMINAL
DESCRIPTION
NAME
NO.
DESCRIPTION
NU
8, 11, 32, 33, 38, 41
Not used
VCC
15, 34, 43
5-V power
VEE
1, 12, 13, 14, 24, 25, 35, 36, 37, 42, 48
Ground



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com