Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TM201 Datasheet(PDF) 3 Page - Tumbler Technologies + TRUMPower

Part # TM201
Description  150- 200 WATT MEDICAL POWER SUPPLIES
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRUMPOWER [Tumbler Technologies + TRUMPower]
Direct Link  http://www.trumpower.com
Logo TRUMPOWER - Tumbler Technologies + TRUMPower

TM201 Datasheet(HTML) 3 Page - Tumbler Technologies + TRUMPower

  TM201 Datasheet HTML 1Page - Tumbler Technologies + TRUMPower TM201 Datasheet HTML 2Page - Tumbler Technologies + TRUMPower TM201 Datasheet HTML 3Page - Tumbler Technologies + TRUMPower  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
MEDICAL GRADE
TM201 SERIES
Multiple Output Models
PIN CHART
P2
P3
P5
1
2
3
4
5
6
7
8
9
1
2
3
4
1
2
TM201-S5.1
TM201-S12
TM201-S24
TM201-S48
TM201-S3.3
TM201-S15
TM201-S30
-SENSE
RET.
RET.
RET.
RET.
OUTPUT
#1
OUTPUT
#1
OUTPUT
#1
+SENSE FAN
COM.
RET.
COM.
RET.
PFD INHIBIT+ INHIBIT-
TM201-D23
TM201-D25
TM201-D24
TM201-D27
OUTPUT
#1
OUTPUT
#1
COM.
RET.
COM.
RET.
COM.
RET.
OUTPUT
#2
N.C.
N.C.
N.C.
FAN
COM.
RET.
COM.
RET.
PFD INHIBIT+ INHIBIT-
TM201-T30
TM201-T32
TM201-T31
TM201-T33
OUTPUT
#1
OUTPUT
#1
COM.
RET.
COM.
RET.
COM.
RET.
OUTPUT
#2
OUTPUT
#3
N.C.
N.C.
FAN
COM.
RET.
COM.
RET.
PFD INHIBIT+ INHIBIT-
TM201-T36
OUTPUT
#1
OUTPUT
#1
COM.
RET.
COM.
RET.
COM.
RET.
OUTPUT
#2
N.C.
OUTPUT
#3
RETURN
OUTPUT
#3
FAN
COM.
RET.
COM.
RET.
PFD INHIBIT+ INHIBIT-
TM201-Q40
TM201-Q41
TM201-Q44
TM201-Q403
TM201-Q42
TM201-Q45
OUTPUT
#1
OUTPUT
#1
COM.
RET.
COM.
RET.
COM.
RET.
OUTPUT
#2
OUTPUT
#3
OUTPUT
#4
RETURN
OUTPUT
#4
FAN
COM.
RET.
COM.
RET.
PFD INHIBIT+ INHIBIT-
CONN
PIN
Product No.
NOTES:
1.
Dimensions shown in inch [mm]
2.
Tolerance 0.02 [0.5] maximum
3.
Input connector P1 is Dinkle DT-35-B01W-03 output
connector P2 is Dinkle DT-35-B01W-09 screws are M3,
Nickel plated.
4.
Connector P3 mates with Molex housing 22-01-1043
and Molex 40445 series crimp terminal.
5.
Connectors P4, P5 mates with Molex housing
22-01-1023 and Molex 40445 series crimp terminal.
6.
P4 is for DC fan rated 24V/0.2A (models
TM201-D25/D27) or 5V/0.38A (models TM201-Q403),
and 12V/0.2A (other models, Pin1 +V and Pin2 COM).
7.
Weight:
0.82 kgs. (1.83 lbs.) approx. for U-bracket version,
0.96 kgs. (2.14 lbs.) approx. for “C” version
Tumbler Technologies + TRUMPower
3350 Scott Blvd., Bldg. 13, Santa Clara, California 95054, USA
Phone: 408-988-6616
● Fax: 408-988-6622 ● email: sales@trumpower.com ● Website: www.TRUMPower.com



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com