Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TM201 Datasheet(PDF) 1 Page - Tumbler Technologies + TRUMPower

Part # TM201
Description  150- 200 WATT MEDICAL POWER SUPPLIES
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRUMPOWER [Tumbler Technologies + TRUMPower]
Direct Link  http://www.trumpower.com
Logo TRUMPOWER - Tumbler Technologies + TRUMPower

TM201 Datasheet(HTML) 1 Page - Tumbler Technologies + TRUMPower

  TM201 Datasheet HTML 1Page - Tumbler Technologies + TRUMPower TM201 Datasheet HTML 2Page - Tumbler Technologies + TRUMPower TM201 Datasheet HTML 3Page - Tumbler Technologies + TRUMPower  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
DES C RI P T I O N
The TM201 series comprising single and multiple
output models for 150 to 200 watts of continuous
output power is specially designed for dental and
medical
applications.
They
operate
at
90
to
264VAC input voltage without the need of a
selector strap. All auxiliary outputs are with
magnetic
amplifier
linear
regulator
to
keep
regulation. The units are constructed on a printed
circuit board with a U-bracket for mechanical
support
and
heat
sinking.
A
cover-and-fan
assembly can be added during manufacturing.
TM201 SERIES
FE AT URES
‧ Lo w safet y g r ound leaka ge curr ent
‧ Meet EN 550 11 and FCC Class B
‧ Po w e r Facto r 0.9 8 ty pical
‧ Short-circuit protection
‧ Po w e r Fai l D e tect ( PFD ) s i gnal
‧ 100 % b u rn-in at full rate d load
‧ Optional co v e r-and-fan a ssembl y
‧ Remote inhi bit - TTL hig h disables output
‧ Compliant w i th RoHS req u irements
Saf e t y Sta n da rd A ppr o va l s:
I N PU T S P E C IF IC AT ION S
Input v o lt ag e :
90 to 264VAC
Input freque nc y :
47 to 63H z
Input curren t :
3.2A ( rm s ) f o r 115VAC
1.6A ( rm s ) f o r 230VAC
Earth l eakag e curr ent :
OUTPUT SPECIFICATIONS
Output voltage/current:
See rating chart
Total output power:
200 watts maximum
Ripple and noise:
2% peak to peak maximum
Overvoltage protection:
Provided on output #1 only;
set at 112-132% of its nominal
output voltage
Overcurrent protection:
All outputs protected to short
circuit conditions
Temperature coefficient:
All outputs ±0.04/ºC maximum
Transient response:
Maximum excursion of 4% or
better on all models,
recovering to 1% of final
value within 500µs after a
25% step load change
PFD signal:
TTL logic high for normal
operation and TTL logic low
upon loss of input power. This
signal appears at least 1ms
prior to +5V output dropping
5% below its nominal value.
This signal also provides a
minimum delay of 100ms after
+5V is within regulation.
GENERAL SPECIFICATIONS
Switching frequency: 88 KHz –112 KHz
Efficiency:
70% minimum on all models
Hold-up time:
20 msec minimum at 110VAC
Line regulation:
±0.5% maximum at full load
Inrush current:
20 amps @ 115VAC or 40 amps
@ 230VAC, at 25ºC cold start
Withstand voltage:
4000VAC from input to output
1500VAC from input to ground
500VAC from output to ground
MTBF:
350,000 hours at full load at
25ºC ambient, calculated per
MIL-HDBK-217F
EMC Performance (EN60601-1-2: 2001)
EN550 11 :
Class B conducted, Class B
radiated
EN61000-3- 2 :
Harmonic distortion, Class A and D
EN61000-3- 3 :
Line flicker
EN61000-4- 2 :
ESD, ±8KV air and ±6KV contact
EN61000-4- 3 :
Radiated immunity, 3V/m
EN61000-4- 4 :
Fast transient/burst, ±2KV
EN61000-4- 5 :
Surge, ±1KV diff, ±2KV com.
EN61000-4- 6 :
Conducted immunity, 3Vrms
EN61000-4- 8 :
Magnetic field immunity, 3A/m
EN61000-4- 11 :
Voltage dips, 30% reduction for
500ms, 60% reduction for 100ms
and >95% reduction for 10ms
UL 60601-1
CSA C22.2 No. 601.1
TÜV EN60601-1
(LVD)
ENVIRONMENTAL SPECIFICATIONS
Operating temperature:
0ºC to +70ºC
Storage temperature:
-40ºC to +85ºC
Relative humidity:
5% to 95% non-condensing
Derating:
Derate from 100% at +50ºC
linearly to 50% at +70ºC
Cooling:
10.8 CFM forced air provided on “C”
version; 25 CFM forced air to be
provided for U-bracket version by
user.
90µA max. @ 115VAC , 60 Hz
150µA m a x. @ 230VAC, 5 0 Hz
RoHS
TRUMPower
150- 200 WATT MEDICAL POWER SUPPLIES
Tumbler Technologies + TRUMPower
3350 Scott Blvd., Bldg. 13, Santa Clara, California 95054, USA
Phone: 408-988-6616
● Fax: 408-988-6622 ● email: sales@trumpower.com ● Website: www.TRUMPower.com


Similar Part No. - TM201

ManufacturerPart #DatasheetDescription
logo
Taoglas antenna solutio...
TM2019ANL TAOGLAS-TM2019ANL Datasheet
902Kb / 9P
LAN Transformer 10/100 Base-T PoE
2022-11-08
More results

Similar Description - TM201

ManufacturerPart #DatasheetDescription
logo
Astrodyne Corporation
MMK150S ASTRODYNE-MMK150S Datasheet
580Kb / 3P
Medical Grade 150 Watt Enclosed Switching Power Supplies
logo
Tumbler Technologies + ...
PM65 TRUMPOWER-PM65 Datasheet
220Kb / 2P
65 WATT MEDICAL POWER SUPPLIES
PU150 TRUMPOWER-PU150 Datasheet
158Kb / 3P
150 WATT SWITCHING POWER SUPPLIES
TM66 TRUMPOWER-TM66 Datasheet
244Kb / 2P
65 WATT MEDICAL POWER SUPPLIES
TM200 TRUMPOWER-TM200 Datasheet
173Kb / 2P
200 WATT MEDICAL POWER SUPPLIES
TM300 TRUMPOWER-TM300 Datasheet
277Kb / 3P
300 WATT MEDICAL POWER SUPPLIES
TM450 TRUMPOWER-TM450 Datasheet
253Kb / 3P
450 WATT MEDICAL POWER SUPPLIES
TM650 TRUMPOWER-TM650 Datasheet
273Kb / 3P
650 WATT MEDICAL POWER SUPPLIES
TMP150 TRUMPOWER-TMP150 Datasheet
172Kb / 2P
150 WATT MEDICAL POWER ADAPTERS
logo
RSG Electronic Componen...
PU150 RSG-PU150 Datasheet
145Kb / 3P
150 WATT SWITCHING POWER SUPPLIES
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com