Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TM201 Datasheet(PDF) 2 Page - Tumbler Technologies + TRUMPower

Part # TM201
Description  150- 200 WATT MEDICAL POWER SUPPLIES
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRUMPOWER [Tumbler Technologies + TRUMPower]
Direct Link  http://www.trumpower.com
Logo TRUMPOWER - Tumbler Technologies + TRUMPower

TM201 Datasheet(HTML) 2 Page - Tumbler Technologies + TRUMPower

  TM201 Datasheet HTML 1Page - Tumbler Technologies + TRUMPower TM201 Datasheet HTML 2Page - Tumbler Technologies + TRUMPower TM201 Datasheet HTML 3Page - Tumbler Technologies + TRUMPower  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
OUTPUT VOLTAGE/CURRENT RATING CHART
Maximum
Output #1
Output #2
Output #3
Output #4
Output
Product No. Vnom. Imin. Imax.
Tol. Vnom. Imin. Imax. Tol. Vnom. Imin. Imax. Tol. Vnom. Imin. Imax. Tol.
Power
TM201-S5.1
5.1V 3.0A
35A
2%
(N/A)
(N/A)
(N/A)
175W
TM201-S3.3
3.3V 3.0A
46A
3%
(N/A)
(N/A)
(N/A)
150W
TM201-S12
12V 1.2A 16.7A
2%
(N/A)
(N/A)
(N/A)
200W
TM201-S15
15V 1.0A 13.4A
2%
(N/A)
(N/A)
(N/A)
200W
TM201-S24
24V 0.6A
8.4A
2%
(N/A)
(N/A)
(N/A)
200W
TM201-S30
30V 0.5A
6.7A
2%
(N/A)
(N/A)
(N/A)
200W
TM201-S48
48V 0.5A
4.2A
2%
(N/A)
(N/A)
(N/A)
200W
TM201-D23
+5.1V 3.0A
30A
2%
+12V
0A
8A
4%
(N/A)
(N/A)
200W
TM201-D24
+5.1V 3.0A
30A
2%
+15V
0A
6A
4%
(N/A)
(N/A)
200W
TM201-D25
+5.1V 3.0A
30A
2%
+24V
0A
4A
4%
(N/A)
(N/A)
200W
TM201-D27
+12V 1.0A
8.7A
2%
+24V
0A
4A
4%
(N/A)
(N/A)
200W
TM201-T30
+5.1V 3.0A
30A
2%
+12V
0A
8A
4%
-5V
0A
6A
4%
(N/A)
200W
TM201-T31
+5.1V 3.0A
30A
2%
+12V
0A
8A
4%
-12V
0A
4A
4%
(N/A)
200W
TM201-T32
+5.1V 3.0A
30A
2%
+15V
0A
6A
4%
-15V
0A
4A
4%
(N/A)
200W
TM201-T33
+5.1V 3.0A
30A
2%
+15V
0A
6A
4%
-12V
0A
4A
4%
(N/A)
200W
TM201-T36
+5.1V 3.0A
30A
2%
+12V
0A
8A
4%
24V
0A
4A
4%
(N/A)
200W
TM201-Q40
+5.1V 3.0A
30A
2%
+12V
0A
8A
4%
-12V
0A
4A
4%
5V
0A
6A
4%
200W
TM201-Q41
+5.1V 3.0A
30A
2%
+15V
0A
6A
4%
-15V
0A
4A
4%
24V
0A
4A
4%
200W
TM201-Q42
+5.1V 3.0A
30A
2%
+12V
0A
8A
4%
-12V
0A
4A
4%
12V
0A
4A
4%
200W
TM201-Q44
+5.1V 3.0A
30A
2%
+12V
0A
8A
4%
-15V
0A
4A
4%
15V
0A
4A
4%
200W
TM201-Q45
+5.1V 3.0A
30A
2%
+12V
0A
8A
4%
-12V
0A
4A
4%
24V
0A
4A
4%
200W
TM201-Q403
+3.3V 3.0A
30A
3%
+5.1V
0A
8A
4%
-12V
0A
4A
4%
12V
0A
4A
4%
175W
NOTES:
1.
Add suffix “C” for enclosed format with option fan control, e.g. TM201-Q45C.
2.
Peak current is 12A on +12V, 9A on +15V and 6A on +24V.
3.
Output #4 is floating. It can be connected externally for positive or negative output.
4.
200 watts for “C” version with a cover-and-fan assembly. 100 watts for U-bracket
version without moving air (maximum current of output #1 & #2 derated to 50%), or
200 watts with 25 CFM forced air provided by user.
5.
When the remote Sense facility is not used, +Sense must be connected to +V,
and –Sense to return, on P2 connector.
6.
All models may be operated at no-load. At no-load, output voltage tolerance
increases to 10%.
MECHANICAL SPECIFICATIONS
Single Output Models
MEDICAL GRADE
TM201 SERIES
NOTES:
1.
Dimensions shown in inch [mm]
2.
Tolerance 0.02 [0.5] maximum
3.
Input connector P1 is Dinkle DT-35-B01W-03 output
connector P2 is Dinkle DT-35-B01W-09 screws are
M3, Nickel plated.
4.
Connector P3 mates with Molex housing 22-01-1043
and Molex 40445 series crimp terminal.
5.
Connectors P4, P5 mates with Molex housing
22-01-1023 and Molex 40445 series crimp terminal.
6.
P4 is for DC fan rated 12V/0.2A, Pin1 +V and Pin2
COM.
7.
Weight:
0.82 kgs. (1.83 lbs.) approx. for U-bracket version,
0.96 kgs. (2.14 lbs.) approx. for “C” version
Tumbler Technologies + TRUMPower
3350 Scott Blvd., Bldg. 13, Santa Clara, California 95054, USA
Phone: 408-988-6616
● Fax: 408-988-6622 ● email: sales@trumpower.com ● Website: www.TRUMPower.com



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com