Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASM2P3807A Datasheet(PDF) 1 Page - PulseCore Semiconductor

Part # ASM2P3807A
Description  3.3V CMOS 1-TO-10 CLOCK DRIVER
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSECORE [PulseCore Semiconductor]
Direct Link  http://www.onsemi.com/
Logo PULSECORE - PulseCore Semiconductor

ASM2P3807A Datasheet(HTML) 1 Page - PulseCore Semiconductor

  ASM2P3807A Datasheet HTML 1Page - PulseCore Semiconductor ASM2P3807A Datasheet HTML 2Page - PulseCore Semiconductor ASM2P3807A Datasheet HTML 3Page - PulseCore Semiconductor ASM2P3807A Datasheet HTML 4Page - PulseCore Semiconductor ASM2P3807A Datasheet HTML 5Page - PulseCore Semiconductor ASM2P3807A Datasheet HTML 6Page - PulseCore Semiconductor ASM2P3807A Datasheet HTML 7Page - PulseCore Semiconductor ASM2P3807A Datasheet HTML 8Page - PulseCore Semiconductor ASM2P3807A Datasheet HTML 9Page - PulseCore Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
November 2006
ASM2P3807A
rev 0.3
Notice: The information in this document is subject to change without notice.
PulseCore Semiconductor Corporation
1715 S. Bascom Ave Suite 200, Campbell, CA 95008
• Tel: 408-879-9077 • Fax: 408-879-9018
www.pulsecoresemi.com
3.3V CMOS 1-TO-10 CLOCK DRIVER
Features
•
0.5 MICRON CMOS Technology
•
Guaranteed low skew < 350pS (max.)
•
Very low duty cycle distortion < 350pS (max.)
•
High speed: propagation delay < 3nS (max.)
•
Very low CMOS power levels
•
TTL compatible inputs and outputs
•
1:10 fanout
•
Maximum output rise and fall time < 1.5nS (max.)
•
Low input capacitance: 4.5pF typical
•
Operates with 3.3V ± 0.3V Supply
•
Inputs can be driven from 3.3V or 5V components
•
Available in SSOP, SOIC, and QSOP Packages
Product Description
The ASM2P3807A 3.3V clock driver is built using advanced
dual metal CMOS technology. This low skew clock driver
offers 1:10 fanout. The large fanout from a single input
reduces loading on the preceding driver and provides an
efficient clock distribution network. The ASM2P3807A
offers low capacitance inputs with hysteresis for improved
noise margins. Multiple power and grounds reduce noise.
Typical applications are clock and signal distribution.
Block Diagram
O1
O2
O3
O4
O5
O6
O7
O8
O9
O10
IN


Similar Part No. - ASM2P3807A

ManufacturerPart #DatasheetDescription
logo
Alliance Semiconductor ...
ASM2P3807AG-20-AR ALSC-ASM2P3807AG-20-AR Datasheet
692Kb / 19P
3.3V CMOS 1-TO-10 CLOCK DRIVER
ASM2P3807AG-20-AT ALSC-ASM2P3807AG-20-AT Datasheet
692Kb / 19P
3.3V CMOS 1-TO-10 CLOCK DRIVER
ASM2P3807AG-20-DR ALSC-ASM2P3807AG-20-DR Datasheet
692Kb / 19P
3.3V CMOS 1-TO-10 CLOCK DRIVER
ASM2P3807AG-20-DT ALSC-ASM2P3807AG-20-DT Datasheet
692Kb / 19P
3.3V CMOS 1-TO-10 CLOCK DRIVER
ASM2P3807AG-20-SR ALSC-ASM2P3807AG-20-SR Datasheet
692Kb / 19P
3.3V CMOS 1-TO-10 CLOCK DRIVER
More results

Similar Description - ASM2P3807A

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT74FCT3807 IDT-IDT74FCT3807 Datasheet
67Kb / 8P
3.3V CMOS 1-TO-10 CLOCK DRIVER
logo
Pericom Semiconductor C...
PI49FCT32807 PERICOM-PI49FCT32807 Datasheet
383Kb / 6P
3.3V 1:10 CMOS Clock Driver
logo
Alliance Semiconductor ...
ASM2P3807AH ALSC-ASM2P3807AH Datasheet
692Kb / 19P
3.3V CMOS 1-TO-10 CLOCK DRIVER
logo
Integrated Device Techn...
IDT74FCT3807D IDT-IDT74FCT3807D Datasheet
58Kb / 6P
3.3V CMOS 1-TO-10 CLOCK DRIVER
logo
Potato Semiconductor Co...
PO49FCT32807 POTATO-PO49FCT32807 Datasheet
546Kb / 6P
3.3V 1:10 CMOS Clock Buffered Driver
logo
Integrated Device Techn...
IDT74FCT3807D IDT-IDT74FCT3807D_09 Datasheet
63Kb / 6P
3.3V CMOS 1-TO-10 CLOCK DRIVER
IDT74FCT38072 IDT-IDT74FCT38072 Datasheet
58Kb / 5P
3.3V CMOS 1-TO-2 CLOCK DRIVER
IDT74FCT38074 IDT-IDT74FCT38074_09 Datasheet
58Kb / 5P
3.3V CMOS 1-TO-4 CLOCK DRIVER
IDT74FCT3807 IDT-IDT74FCT3807_14 Datasheet
109Kb / 8P
3.3V CMOS 1-TO-10 CLOCK DRIVER
logo
Renesas Technology Corp
IDT74FCT3807D RENESAS-IDT74FCT3807D Datasheet
217Kb / 7P
3.3V CMOS 1-TO-10 CLOCK DRIVER
JULY 2006
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com