Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASM2P3807A Datasheet(PDF) 13 Page - PulseCore Semiconductor

Part # ASM2P3807A
Description  3.3V CMOS 1-TO-10 CLOCK DRIVER
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSECORE [PulseCore Semiconductor]
Direct Link  http://www.onsemi.com/
Logo PULSECORE - PulseCore Semiconductor

ASM2P3807A Datasheet(HTML) 13 Page - PulseCore Semiconductor

Back Button ASM2P3807A Datasheet HTML 9Page - PulseCore Semiconductor ASM2P3807A Datasheet HTML 10Page - PulseCore Semiconductor ASM2P3807A Datasheet HTML 11Page - PulseCore Semiconductor ASM2P3807A Datasheet HTML 12Page - PulseCore Semiconductor ASM2P3807A Datasheet HTML 13Page - PulseCore Semiconductor ASM2P3807A Datasheet HTML 14Page - PulseCore Semiconductor ASM2P3807A Datasheet HTML 15Page - PulseCore Semiconductor ASM2P3807A Datasheet HTML 16Page - PulseCore Semiconductor ASM2P3807A Datasheet HTML 17Page - PulseCore Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
November 2006
ASM2P3807A
rev 0.3
3.3V CMOS 1-TO-10 CLOCK DRIVER
13 of 18
Notice: The information in this document is subject to change without notice.
Enable and Disable Times
NOTES: 1. Diagram shown for input Control Enable-LOW and input Control Disable-HIGH
2. Pulse Generator for All Pulses: f ≤1.0MHz; tF ≤2.5nS; tR ≤2.5nS
3V
1.5V
0V
DISABLE
ENABLE
3.5V
1.5V
3.5V
0.3V
VOL
tPLZ
tPLZ
0.3V
0V
VOH
SWITCH
CLOSED
tPLZ
tPLZ
SWITCH
OPEN
1.5V
0V
CONTROL
INPUT
OUTPUT
NORMALLY
LOW
OUTPUT
NORMALLY
HIGH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com