Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASM2P3807A Datasheet(PDF) 11 Page - PulseCore Semiconductor

Part # ASM2P3807A
Description  3.3V CMOS 1-TO-10 CLOCK DRIVER
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSECORE [PulseCore Semiconductor]
Direct Link  http://www.onsemi.com/
Logo PULSECORE - PulseCore Semiconductor

ASM2P3807A Datasheet(HTML) 11 Page - PulseCore Semiconductor

Back Button ASM2P3807A Datasheet HTML 7Page - PulseCore Semiconductor ASM2P3807A Datasheet HTML 8Page - PulseCore Semiconductor ASM2P3807A Datasheet HTML 9Page - PulseCore Semiconductor ASM2P3807A Datasheet HTML 10Page - PulseCore Semiconductor ASM2P3807A Datasheet HTML 11Page - PulseCore Semiconductor ASM2P3807A Datasheet HTML 12Page - PulseCore Semiconductor ASM2P3807A Datasheet HTML 13Page - PulseCore Semiconductor ASM2P3807A Datasheet HTML 14Page - PulseCore Semiconductor ASM2P3807A Datasheet HTML 15Page - PulseCore Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
November 2006
ASM2P3807A
rev 0.3
3.3V CMOS 1-TO-10 CLOCK DRIVER
11 of 18
Notice: The information in this document is subject to change without notice.
Enable and Disable Time
Switch Position
Test
Switch
Disable LOW
Enable LOW
6V
Disable HIGH
Enable HIGH
GND
DEFINITIONS:
CL = Load capacitance: includes jig and probe capacitance.
RT = Termination resistance: should be equal to ZOUT of the Pulse Generator.
Test Waveforms
Package Delay
Pulse Skew - tSK(P)
0.8 V
tR
tF
2.0 V
3V
1.5V
OV
INPUT
tPLH
tPHL
VOH
1.5 V
VOL
OUTPUT
3V
1.5V
OV
INPUT
tPLH
tPLH
VOH
1.5 V
VOL
OUTPUT
tSK(p) =[ tPHL – tPLH ]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com