Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P2384A Datasheet(PDF) 4 Page - PulseCore Semiconductor

Part # P2384A
Description  Low Cost Frequency Multiplier
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSECORE [PulseCore Semiconductor]
Direct Link  http://www.onsemi.com/
Logo PULSECORE - PulseCore Semiconductor

P2384A Datasheet(HTML) 4 Page - PulseCore Semiconductor

  P2384A Datasheet HTML 1Page - PulseCore Semiconductor P2384A Datasheet HTML 2Page - PulseCore Semiconductor P2384A Datasheet HTML 3Page - PulseCore Semiconductor P2384A Datasheet HTML 4Page - PulseCore Semiconductor P2384A Datasheet HTML 5Page - PulseCore Semiconductor P2384A Datasheet HTML 6Page - PulseCore Semiconductor P2384A Datasheet HTML 7Page - PulseCore Semiconductor P2384A Datasheet HTML 8Page - PulseCore Semiconductor P2384A Datasheet HTML 9Page - PulseCore Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
February 2007
P2384A
rev 0.2
Low Cost Frequency Multiplier
4 of 10
Notice: The information in this document is subject to change without notice.
Output Clock Selection Example
The P2384A can generate 4X Clock from the Input reference frequency. P2384A’s internal crystal oscillator circuits allow
the use of an inexpensive crystal or resonator to replace expensive CAN oscillators that are used in networking, PC
peripherals, xDSL, and consumer applications for high frequency generation. Its input frequency range is optimized for
operations from 20 MHz to 78 MHz, and its output frequency can deliver up to 312 MHz.
1
2
3
4
8
7
6
5
VDD
FS0
CLKOUT
VSS
LF
PDB
XOUT
XIN
P2384A
+3.3V
Modulated 100 MHz
25 MHz
C2
C1
R1
0.1µF



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com