Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P2384A Datasheet(PDF) 1 Page - PulseCore Semiconductor

Part # P2384A
Description  Low Cost Frequency Multiplier
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSECORE [PulseCore Semiconductor]
Direct Link  http://www.onsemi.com/
Logo PULSECORE - PulseCore Semiconductor

P2384A Datasheet(HTML) 1 Page - PulseCore Semiconductor

  P2384A Datasheet HTML 1Page - PulseCore Semiconductor P2384A Datasheet HTML 2Page - PulseCore Semiconductor P2384A Datasheet HTML 3Page - PulseCore Semiconductor P2384A Datasheet HTML 4Page - PulseCore Semiconductor P2384A Datasheet HTML 5Page - PulseCore Semiconductor P2384A Datasheet HTML 6Page - PulseCore Semiconductor P2384A Datasheet HTML 7Page - PulseCore Semiconductor P2384A Datasheet HTML 8Page - PulseCore Semiconductor P2384A Datasheet HTML 9Page - PulseCore Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
February 2007
P2384A
rev 0.2
Notice: The information in this document is subject to change without notice.
PulseCore Semiconductor Corporation
1715 S. Bascom Ave Suite 200, Campbell, CA 95008
• Tel: 408-879-9077 • Fax: 408-879-9018
www.pulsecoresemi.com
Low Cost Frequency Multiplier
Features
•
Generates 4X clocks of the Input Clock frequency
•
Input clock frequency range from 20 MHz to 78 MHz
•
Provides up to 312 MHz Output Clock frequency
•
External loop filter
•
Low Cycle-to-cycle jitter
•
3.3 V Operating Voltage
•
TTL or CMOS compatible outputs
•
Ultra-low power CMOS design
•
Available in Commercial and Industrial temperature
ranges
•
Available in 8-pin SOIC and TSSOP Packages
Product Description
The P2384A is a versatile frequency multiplier that is
designed specifically as cost effective alternative to the
high precision frequency oscillator.
The P2384A can generate a 4X output clock of the input
frequency that allows system cost savings by using an
inexpensive crystal or resonator to achieve high frequency
multiplication.
The P2384A provides up to 312 MHz output clock
frequency through the use of the Phase-Lock-Loop (PLL)
technique which delivers low jitter and high precision
synthesized clocks.
Applications
The P2384A is targeted towards the high frequency CAN
OSC replacement market.
Applications include xDSL,
routers, networking, PC peripherals, and embedded
systems.
Block Diagram
XIN
Modulation
Phase detector
Feedback divider
Frequency divider
VCO
Output
divider
Crystal
Oscillator
XOUT
FS0
PDB
LF
PLL
VDD
CLKOUT
VSS


Similar Part No. - P2384A

ManufacturerPart #DatasheetDescription
logo
PREMO CORPORATION S.L
P238PP4DP1 PREMO-P238PP4DP1 Datasheet
109Kb / 1P
Third generation of planar transformers
P238WD4DP1 PREMO-P238WD4DP1 Datasheet
109Kb / 1P
Third generation of planar transformers
P238WD4DP2 PREMO-P238WD4DP2 Datasheet
109Kb / 1P
Third generation of planar transformers
More results

Similar Description - P2384A

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD633 AD-AD633 Datasheet
144Kb / 8P
Low Cost Analog Multiplier
REV.B
logo
Alliance Semiconductor ...
P2082A ALSC-P2082A Datasheet
395Kb / 9P
Low Cost Frequency Multiplier
logo
Mini-Circuits
RMK-3-722+ MINI-RMK-3-722+ Datasheet
151Kb / 1P
Frequency Multiplier
logo
ON Semiconductor
P2084A ONSEMI-P2084A Datasheet
152Kb / 7P
Low Cost Frequency Multiplier
MARCH 2010 ??Rev. 1
logo
Analog Devices
AD633JRZ-R7 AD-AD633JRZ-R7 Datasheet
610Kb / 16P
Low Cost Analog Multiplier
Rev. I
AD633JRZ AD-AD633JRZ Datasheet
610Kb / 16P
Low Cost Analog Multiplier
Rev. I
AD633ARZ-REEL7 AD-AD633ARZ-REEL7 Datasheet
903Kb / 21P
Low Cost Analog Multiplier
Rev. J
AD633 AD-AD633_15 Datasheet
959Kb / 21P
Low Cost Analog Multiplier
Rev. J
logo
ON Semiconductor
P2084 ONSEMI-P2084_11 Datasheet
152Kb / 7P
Low Cost Frequency Multiplier
JUNE 2011 ??Rev. 2
logo
Mini-Circuits
RMK-3-14 MINI-RMK-3-14 Datasheet
252Kb / 1P
Frequency Multiplier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com