Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P2384A Datasheet(PDF) 2 Page - PulseCore Semiconductor

Part # P2384A
Description  Low Cost Frequency Multiplier
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSECORE [PulseCore Semiconductor]
Direct Link  http://www.onsemi.com/
Logo PULSECORE - PulseCore Semiconductor

P2384A Datasheet(HTML) 2 Page - PulseCore Semiconductor

  P2384A Datasheet HTML 1Page - PulseCore Semiconductor P2384A Datasheet HTML 2Page - PulseCore Semiconductor P2384A Datasheet HTML 3Page - PulseCore Semiconductor P2384A Datasheet HTML 4Page - PulseCore Semiconductor P2384A Datasheet HTML 5Page - PulseCore Semiconductor P2384A Datasheet HTML 6Page - PulseCore Semiconductor P2384A Datasheet HTML 7Page - PulseCore Semiconductor P2384A Datasheet HTML 8Page - PulseCore Semiconductor P2384A Datasheet HTML 9Page - PulseCore Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
February 2007
P2384A
rev 0.2
Low Cost Frequency Multiplier
2 of 10
Notice: The information in this document is subject to change without notice.
Pin Configuration
Pin Description
Pin#
Pin Name
Type
Description
1
XIN
I
Crystal connection or external reference frequency input
2
XOUT
O
Crystal connection. If using an external reference, this pin must be left
unconnected.
3
PDB
I
Power-down control pin. Pull low to enable power-down mode. Connect directly to
VDD in normal operation and if not used.
4
LF
I
External loop filter for the PLL. (See Loop Filter Selection Table for value.)
5
VSS
P
Ground connection. Connect to system ground.
6
CLKOUT
O
Clock output.
7
FS0
I
Digital logic input used to select Input frequency range.
(See Input Frequency Selection.) This pin has an internal pull-up resistor.
8
VDD
P
Connect to +3.3 V.
Input Frequency Selection
FS0
Input (MHz)
Output Frequency Scaling (MHz)
0
20 to 38
80 to 152
1
39 to 78
156 to 312
1
2
3
4
5
6
7
8
CLKOUT
VDD
VSS
XIN
XOUT
PDB
LF
FS0
P2384A



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com