Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCS2I99446 Datasheet(PDF) 11 Page - PulseCore Semiconductor

Part # PCS2I99446
Description  2.5V and 3.3V LVCMOS Clock Distribution Buffer
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSECORE [PulseCore Semiconductor]
Direct Link  http://www.onsemi.com/
Logo PULSECORE - PulseCore Semiconductor

PCS2I99446 Datasheet(HTML) 11 Page - PulseCore Semiconductor

Back Button PCS2I99446 Datasheet HTML 6Page - PulseCore Semiconductor PCS2I99446 Datasheet HTML 7Page - PulseCore Semiconductor PCS2I99446 Datasheet HTML 8Page - PulseCore Semiconductor PCS2I99446 Datasheet HTML 9Page - PulseCore Semiconductor PCS2I99446 Datasheet HTML 10Page - PulseCore Semiconductor PCS2I99446 Datasheet HTML 11Page - PulseCore Semiconductor PCS2I99446 Datasheet HTML 12Page - PulseCore Semiconductor PCS2I99446 Datasheet HTML 13Page - PulseCore Semiconductor PCS2I99446 Datasheet HTML 14Page - PulseCore Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
September 2006
PCS2I99446
rev 0.5
2.5V and 3.3V LVCMOS Clock Distribution Buffer
11 of 14
Notice: The information in this document is subject to change without notice.
Package Information
32-lead TQFP
SECTION A-A
Dimensions
Inches
Millimeters
Symbol
Min
Max
Min
Max
A
….
0.0472
…
1.2
A1
0.0020
0.0059
0.05
0.15
A2
0.0374
0.0413
0.95
1.05
D
0.3465
0.3622
8.8
9.2
D1
0.2717
0.2795
6.9
7.1
E
0.3465
0.3622
8.8
9.2
E1
0.2717
0.2795
6.9
7.1
L
0.0177
0.0295
0.45
0.75
L1
0.03937 REF
1.00 REF
T
0.0035
0.0079
0.09
0.2
T1
0.0038
0.0062
0.097
0.157
b
0.0118
0.0177
0.30
0.45
b1
0.0118
0.0157
0.30
0.40
R0
0.0031
0.0079
0.08
0.2
a
0°
7°
0°
7°
e
0.031 BASE
0.8 BASE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com