Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCS2I99446 Datasheet(PDF) 13 Page - PulseCore Semiconductor

Part # PCS2I99446
Description  2.5V and 3.3V LVCMOS Clock Distribution Buffer
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSECORE [PulseCore Semiconductor]
Direct Link  http://www.onsemi.com/
Logo PULSECORE - PulseCore Semiconductor

PCS2I99446 Datasheet(HTML) 13 Page - PulseCore Semiconductor

Back Button PCS2I99446 Datasheet HTML 6Page - PulseCore Semiconductor PCS2I99446 Datasheet HTML 7Page - PulseCore Semiconductor PCS2I99446 Datasheet HTML 8Page - PulseCore Semiconductor PCS2I99446 Datasheet HTML 9Page - PulseCore Semiconductor PCS2I99446 Datasheet HTML 10Page - PulseCore Semiconductor PCS2I99446 Datasheet HTML 11Page - PulseCore Semiconductor PCS2I99446 Datasheet HTML 12Page - PulseCore Semiconductor PCS2I99446 Datasheet HTML 13Page - PulseCore Semiconductor PCS2I99446 Datasheet HTML 14Page - PulseCore Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
September 2006
PCS2I99446
rev 0.5
2.5V and 3.3V LVCMOS Clock Distribution Buffer
13 of 14
Notice: The information in this document is subject to change without notice.
Ordering Information
Part Number
Marking
Package Type
Operating Range
PCS2P99446G-32-LT
PCS2P99446GL
32-pin LQFP, Tray, Green
Commercial
PCS2P99446G-32-LR
PCS2P99446GL
32-pin LQFP, Tape and Reel, Green
Commercial
PCS2P99446G-32-ET
PCS2P99446GE
32-pin TQFP, Tray, Green
Commercial
PCS2P99446G-32-ER
PCS2P99446GE
32-pin TQFP, Tape and Reel, Green
Commercial
PCS2I99446G-32-LT
PCS2I99446GL
32-pin LQFP, Tray, Green
Industrial
PCS2I99446G-32-LR
PCS2I99446GL
32-pin LQFP, Tape and Reel, Green
Industrial
PCS2I99446G-32-ET
PCS2I99446GE
32-pin TQFP, Tray, Green
Industrial
PCS2I99446G-32-ER
PCS2I99446GE
32-pin TQFP, Tape and Reel, Green
Industrial
Device Ordering Information
PCS2I99446G-32-LT
Licensed under US patent #5,488,627, #6,646,463 and #5,631,920.
O = SOT
U = MSOP
S = SOIC
E = TQFP
T = TSSOP
L = LQFP
A = SSOP
U = MSOP
V = TVSOP
P = PDIP
B = BGA
D = QSOP
Q = QFN
X = SC-70
DEVICE PIN COUNT
X= Automotive
I= Industrial
P or n/c = Commercial
(-40C to +125C)
(-40C to +85C)
(0C to +70C)
1 = Reserved
6 = Power Management
2 = Non PLL based
7 = Power Management
3 = EMI Reduction
8 = Power Management
4 = DDR support products
9 = Hi Performance
5 = STD Zero Delay Buffer
0 = Reserved
PulseCore Semiconductor Mixed Signal Product
PART NUMBER
G = GREEN PACKAGE, LEAD FREE, and RoHS
R = Tape & Reel, T = Tube or Tray



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com