Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCS2I99446 Datasheet(PDF) 2 Page - PulseCore Semiconductor

Part # PCS2I99446
Description  2.5V and 3.3V LVCMOS Clock Distribution Buffer
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSECORE [PulseCore Semiconductor]
Direct Link  http://www.onsemi.com/
Logo PULSECORE - PulseCore Semiconductor

PCS2I99446 Datasheet(HTML) 2 Page - PulseCore Semiconductor

  PCS2I99446 Datasheet HTML 1Page - PulseCore Semiconductor PCS2I99446 Datasheet HTML 2Page - PulseCore Semiconductor PCS2I99446 Datasheet HTML 3Page - PulseCore Semiconductor PCS2I99446 Datasheet HTML 4Page - PulseCore Semiconductor PCS2I99446 Datasheet HTML 5Page - PulseCore Semiconductor PCS2I99446 Datasheet HTML 6Page - PulseCore Semiconductor PCS2I99446 Datasheet HTML 7Page - PulseCore Semiconductor PCS2I99446 Datasheet HTML 8Page - PulseCore Semiconductor PCS2I99446 Datasheet HTML 9Page - PulseCore Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
September 2006
PCS2I99446
rev 0.5
2.5V and 3.3V LVCMOS Clock Distribution Buffer
2 of 14
Notice: The information in this document is subject to change without notice.
Block Diagram
Pin Configuration
32 – LEAD PACKAGE PINOUT -- Top View
25
26
27
28
29
30
31
32
24 23 22 21 20 19 18 17
1
2
3
4
5
6 7
8
16
15
14
13
12
11
10
9
QA2
GND
QA1
VCCA
QA0
GND
MR/OE
VCCA
GND
QC1
VCCC
QC2
GND
QC3
QC0
VCCC
PCS2I99446
QC3
QA0
QA1
QA2
0
1
CLK
25K
CCLK0
QB0
QB1
QB2
0
1
QC0
QC1
QC2
0
1
CLK-2
0
1
25K
VCC
VCC
25K
25K
25K
25K
25K
CCLK1
CCLK_SEL
FSELA
FSELB
FSELC
MR/OE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com