Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPS2012APWP Datasheet(PDF) 5 Page - Texas Instruments

Part # TPS2012APWP
Description  POWER-DISTRIBUTION SWITCHES
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS2012APWP Datasheet(HTML) 5 Page - Texas Instruments

  TPS2012APWP Datasheet HTML 1Page - Texas Instruments TPS2012APWP Datasheet HTML 2Page - Texas Instruments TPS2012APWP Datasheet HTML 3Page - Texas Instruments TPS2012APWP Datasheet HTML 4Page - Texas Instruments TPS2012APWP Datasheet HTML 5Page - Texas Instruments TPS2012APWP Datasheet HTML 6Page - Texas Instruments TPS2012APWP Datasheet HTML 7Page - Texas Instruments TPS2012APWP Datasheet HTML 8Page - Texas Instruments TPS2012APWP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
TPS2010A, TPS2011A, TPS2012A, TPS2013A
POWER-DISTRIBUTION SWITCHES
SLVS189A – DECEMBER 1998 – REVISED NOVEMBER 1999
5
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
electrical characteristics over recommended operating junction temperature range, VI(IN)= 5.5 V,
IO = rated current, EN = 0 V (unless otherwise noted)
power switch
PARAMETER
TEST CONDITIONS†
MIN
TYP
MAX
UNIT
VI(IN) = 5 V,
TJ = 25°C,
IO = 1.5 A
33
36
VI(IN) = 5 V,
TJ = 85°C,
IO = 1.5 A
38
46
VI(IN) = 5 V,
TJ = 125°C,
IO = 1.5 A
44
50
VI(IN) = 3.3 V,
TJ = 25°C,
IO = 1.5 A
37
41
VI(IN) = 3.3 V,
TJ = 85°C,
IO = 1.5 A
43
52
rDS(on)
Static drain-source on-state resistance
VI(IN) = 3.3 V,
TJ = 125°C,
IO = 1.5 A
51
61
m
Ω
rDS(on)
Static drain-source on-state resistance
VI(IN) = 5 V,
TJ = 25°C,
IO = 0.18 A
30
34
m
Ω
VI(IN) = 5 V,
TJ = 85°C,
IO = 0.18 A
35
41
VI(IN) = 5 V,
TJ = 125°C,
IO = 0.18 A
39
47
VI(IN) = 3.3 V,
TJ = 25°C,
IO = 0.18 A
33
37
VI(IN) = 3.3 V,
TJ = 85°C,
IO = 0.18 A
39
46
VI(IN) = 3.3 V,
TJ = 125°C,
IO = 0.18 A
44
56
t
Rise time output
VI(IN) = 5.5 V,
CL = 1 µF,
TJ = 25°C,
RL = 10 Ω
6.1
ms
tr
Rise time, output
VI(IN) = 2.7 V,
CL = 1 µF,
TJ = 25°C,
RL = 10 Ω
8.6
ms
tf
Fall time output
VI(IN) = 5.5 V,
CL = 1 µF,
TJ = 25°C,
RL = 10 Ω
3.4
ms
tf
Fall time, output
VI(IN) = 2.7 V,
CL = 1 µF,
TJ = 25°C,
RL = 10 Ω
3
ms
† Pulse-testing techniques maintain junction temperature close to ambient temperature; thermal effects must be taken into account separately.
enable input ( EN )
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VIH
High-level input voltage
2.7 V
≤ VI(IN) ≤ 5.5 V
2
V
VIL
Low-level input voltage
4.5 V
≤ VI(IN) ≤ 5.5 V
0.8
V
VIL
Low-level in ut voltage
2.7 V
≤ VI(IN) ≤ 4.5 V
0.5
V
II
Input current
EN = 0 V or EN = VI(IN)
– 0.5
0.5
µA
ton
Turnon time
CL = 100 µF, RL = 10 Ω
20
ms
toff
Turnoff time
CL = 100 µF, RL = 10 Ω
40
ms
current limit
PARAMETER
TEST CONDITIONS†
MIN
TYP
MAX
UNIT
TPS2010A
0.22
0.3
0.4
IOS
Short circuit output current
TJ = 25°C, VI = 5.5 V,
OUT connected to GND
TPS2011A
0.66
0.9
1.1
A
IOS
Short-circuit output current
OUT connected to GND,
Device enable into short circuit
TPS2012A
1.1
1.5
1.8
A
Device enable into short circuit
TPS2013A
1.65
2.2
2.7
† Pulse-testing techniques maintain junction temperature close to ambient temperature; thermal effects must be taken into account separately.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com