Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPS2012APWP Datasheet(PDF) 8 Page - Texas Instruments

Part # TPS2012APWP
Description  POWER-DISTRIBUTION SWITCHES
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS2012APWP Datasheet(HTML) 8 Page - Texas Instruments

Back Button TPS2012APWP Datasheet HTML 4Page - Texas Instruments TPS2012APWP Datasheet HTML 5Page - Texas Instruments TPS2012APWP Datasheet HTML 6Page - Texas Instruments TPS2012APWP Datasheet HTML 7Page - Texas Instruments TPS2012APWP Datasheet HTML 8Page - Texas Instruments TPS2012APWP Datasheet HTML 9Page - Texas Instruments TPS2012APWP Datasheet HTML 10Page - Texas Instruments TPS2012APWP Datasheet HTML 11Page - Texas Instruments TPS2012APWP Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 22 page
background image
TPS2010A, TPS2011A, TPS2012A, TPS2013A
POWER-DISTRIBUTION SWITCHES
SLVS189A – DECEMBER 1998 – REVISED NOVEMBER 1999
8
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
PARAMETER MEASUREMENT INFORMATION
Figure 2. Turnon Delay and Rise Time
2
46
8
10
12
14
16
18
20
t – Time – ms
0
VIN = 5 V
RL = 27 Ω
TA = 25°C
VO(OUT) (2 V/div)
VI(EN)
VO(OUT)
VI(EN) (5 V/div)
Figure 3. Turnoff Delay and Fall Time
2
4
6
8
10
12
14
16
18
20
t – Time – ms
VI(EN) (5 V/div)
0
VI(IN) = 5 V
RL = 27 Ω
TA = 25°C
VO(OUT) (2 V/div)
VI(EN)
VO(OUT)
Figure 4. Turnon Delay and Rise Time
With 1-
µF Load
2
4
6
8
101214
16
18
20
t – Time – ms
VI(EN) (5 V/div)
0
VI(IN) = 5 V
CL = 1 µF
RL = 27 Ω
TA = 25°C
VO(OUT) (2 V/div)
VI(EN)
VO(OUT)
Figure 5. Turnoff Delay and Fall Time
With 1-
µF Load
2
46
8
10
12
14
16
18
20
t – Time – ms
VI(EN) (5 V/div)
0
VI(IN) = 5 V
CL = 1 µF
RL = 27 Ω
TA = 25°C
VO(OUT) (2 V/div)
VI(EN)
VO(OUT)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com