Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPS2012APWP Datasheet(PDF) 7 Page - Texas Instruments

Part # TPS2012APWP
Description  POWER-DISTRIBUTION SWITCHES
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS2012APWP Datasheet(HTML) 7 Page - Texas Instruments

Back Button TPS2012APWP Datasheet HTML 3Page - Texas Instruments TPS2012APWP Datasheet HTML 4Page - Texas Instruments TPS2012APWP Datasheet HTML 5Page - Texas Instruments TPS2012APWP Datasheet HTML 6Page - Texas Instruments TPS2012APWP Datasheet HTML 7Page - Texas Instruments TPS2012APWP Datasheet HTML 8Page - Texas Instruments TPS2012APWP Datasheet HTML 9Page - Texas Instruments TPS2012APWP Datasheet HTML 10Page - Texas Instruments TPS2012APWP Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 22 page
background image
TPS2010A, TPS2011A, TPS2012A, TPS2013A
POWER-DISTRIBUTION SWITCHES
SLVS189A – DECEMBER 1998 – REVISED NOVEMBER 1999
7
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
PARAMETER MEASUREMENT INFORMATION
RL
CL
OUT
tr
tf
90%
90%
10%
10%
50%
50%
90%
10%
VO(OUT)
VI(EN)
VO(OUT)
VOLTAGE WAVEFORMS
TEST CIRCUIT
ton
toff
Figure 1. Test Circuit and Voltage Waveforms
Table of Timing Diagrams
FIGURE
Turnon Delay and Rise TIme
2
Turnoff Delay and Fall Time
3
Turnon Delay and Rise TIme with 1-
µF Load
4
Turnoff Delay and Rise TIme with 1-
µF Load
5
Device Enabled into Short
6
TPS2010A, TPS2011A, TPS2012A, and TPS2013A, Ramped Load on Enabled Device
7, 8, 9, 10
TPS2013A, Inrush Current
11
7.9-
Ω Load Connected to an Enabled TPS2010A Device
12
3.7-
Ω Load Connected to an Enabled TPS2010A Device
13
3.7-
Ω Load Connected to an Enabled TPS2011A Device
14
2.6-
Ω Load Connected to an Enabled TPS2011A Device
15
2.6-
Ω Load Connected to an Enabled TPS2012A Device
16
1.2-
Ω Load Connected to an Enabled TPS2012A Device
17
1.2-
Ω Load Connected to an Enabled TPS2013A Device
18
0.9-
Ω Load Connected to an Enabled TPS2013A Device
19



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com