Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDCE62002RHBT Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # CDCE62002RHBT
Description  Four Output Clock Generator/Jitter Cleaner With Integrated Dual VCOs
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CDCE62002RHBT Datasheet(HTML) 1 Page - Texas Instruments

  CDCE62002RHBT Datasheet HTML 1Page - Texas Instruments CDCE62002RHBT Datasheet HTML 2Page - Texas Instruments CDCE62002RHBT Datasheet HTML 3Page - Texas Instruments CDCE62002RHBT Datasheet HTML 4Page - Texas Instruments CDCE62002RHBT Datasheet HTML 5Page - Texas Instruments CDCE62002RHBT Datasheet HTML 6Page - Texas Instruments CDCE62002RHBT Datasheet HTML 7Page - Texas Instruments CDCE62002RHBT Datasheet HTML 8Page - Texas Instruments CDCE62002RHBT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 49 page
background image
1
FEATURES
APPLICATIONS
CDCE62002
www.ti.com.............................................................................................................................................................. SCAS882A – JUNE 2009 – REVISED JULY 2009
Four Output Clock Generator/Jitter Cleaner With Integrated Dual VCOs
• Flexible Inputs With Innovative Smart
Multiplexer Feature:
• Frequency Synthesizer With PLL/VCO and
Partially Integrated Loop Filter
–
Two Universal Differential Inputs Accept
Frequencies from 1 MHz up to 500 MHz
• Fully Configurable Outputs Including
(LVPECL), 500 MHz (LVDS), or 250 MHz
Frequency and Output Format
(LVCMOS).
• Smart Input Multiplexer Automatically
–
One Auxiliary Input Accepts Single Ended
Switches Between one of two Reference
Clock Source or Crystal. Auxiliary Input
Inputs.
Accepts Crystals in the Range of
• Multiple Operational Modes Include Clock
2MHz–42MHz or an LVCMOS Input up to
Generation via Crystal, SERDES Startup Mode,
75MHz.
Jitter Cleaning, and Oscillator Based Holdover
–
Clock Generator Mode Using Crystal Input
Mode.
–
Smart Input Multiplexer can be Configured
• Integrated EEPROM Determines Device
to Automatically Switch Between Highest
Configuration at Power-up.
Priority Clock Source Available Allowing
• Excellent Jitter Performance
for Fail-Safe Operation.
• Integrated Frequency Synthesizer Including
• Typical Power Consumption 750mW at 3.3V
PLL, Multiple VCOs, and Loop Filter:
• Integrated EEPROM Stores Default Settings;
–
Full Programmability Facilitates Phase
Therefore, the Device can Power up in a
Noise Performance Optimization Enabling
Known, Predefined State.
Jitter Cleaner Mode
• Offered in QFN-32 Package
–
Programmable Charge Pump Gain and
• ESD Protection Exceeds 2kV HBM
Loop Filter Settings
• Industrial Temperature Range –40°C to 85°C
–
Unique Dual-VCO Architecture Supports a
Wide Tuning Range 1.750 GHz – 2.356 GHz.
• Universal Output Blocks Support up to 2
• Data Converter and Data Aggregation Clocking
Differential, 4 Single-Ended, or Combinations
• Wireless Infrastructure
of Differential or Single-Ended:
• Switches and Routers
–
0.5 ps RMS (10 kHz to 20 MHz) Output
• Medical Electronics
Jitter Performance
• Military and Aerospace
–
Low Output Phase Noise: –130 dBc/Hz
• Industrial
at 1 MHz offset, Fc = 491.52 MHz
• Clock Generation and Jitter Cleaning
–
Output Frequency Ranges From 10.94
MHz to 1.175 GHz in Synthesizer Mode
–
LVPECL, LVDS and LVCMOS
–
Independent Output Dividers Support
Divide Ratios for
1,2,3,4,5,8,10,12,16,20,24 and 32.
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 2009, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - CDCE62002RHBT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CDCE62005 TI-CDCE62005 Datasheet
2Mb / 76P
Five/Ten Output Clock Generator/Jitter Cleaner With Integrated Dual VCOs
CDCE62005 TI-CDCE62005 Datasheet
2Mb / 80P
Five/Ten Output Clock Generator/Jitter Cleaner With Integrated Dual VCOs
CDCE62005 TI1-CDCE62005 Datasheet
2Mb / 85P
3:5 Clock Generator
CDCE62005RGZR TI-CDCE62005RGZR Datasheet
2Mb / 76P
Five/Ten Output Clock Generator/Jitter Cleaner With Integrated Dual VCOs
CDCE62005RGZR TI-CDCE62005RGZR Datasheet
2Mb / 80P
Five/Ten Output Clock Generator/Jitter Cleaner With Integrated Dual VCOs
More results

Similar Description - CDCE62002RHBT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CDCE62005 TI-CDCE62005 Datasheet
2Mb / 76P
Five/Ten Output Clock Generator/Jitter Cleaner With Integrated Dual VCOs
CDCM61004 TI-CDCM61004 Datasheet
867Kb / 35P
Four Output, Integrated VCO, Low-Jitter Clock Generator
CDCE62005 TI-CDCE62005_10 Datasheet
2Mb / 80P
Five/Ten Output Clock Generator/Jitter Cleaner With Integrated Dual VCOs
CDCM61004 TI-CDCM61004_10 Datasheet
790Kb / 34P
Four Output, Integrated VCO, Low-jitter Clock Generator
CDCM61004_101 TI-CDCM61004_101 Datasheet
714Kb / 35P
Four Output, Integrated VCO, Low-Jitter Clock Generator
CDCM6208 TI1-CDCM6208_14 Datasheet
2Mb / 89P
2:8 Clock Generator, Jitter Cleaner With Fractional Dividers
CDCM6208V1F TI1-CDCM6208V1F Datasheet
2Mb / 87P
2:8 Clock Generator, Jitter Cleaner with Fractional Dividers
CDCM61004 TI1-CDCM61004_17 Datasheet
1Mb / 39P
Four Output, Integrated VCO, Low-Jitter Clock Generator
logo
Analog Devices
AD9523 AD-AD9523 Datasheet
1,011Kb / 60P
Jitter Cleaner and Clock Generator
9/15-Rev. C to Rev. D
AD9524 AD-AD9524_15 Datasheet
973Kb / 56P
Jitter Cleaner and Clock Generator
9/15-Rev. E to Rev. F
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com