Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDCE62002RHBT Datasheet(PDF) 22 Page - Texas Instruments

Click here to check the latest version.
Part # CDCE62002RHBT
Description  Four Output Clock Generator/Jitter Cleaner With Integrated Dual VCOs
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CDCE62002RHBT Datasheet(HTML) 22 Page - Texas Instruments

Back Button CDCE62002RHBT Datasheet HTML 18Page - Texas Instruments CDCE62002RHBT Datasheet HTML 19Page - Texas Instruments CDCE62002RHBT Datasheet HTML 20Page - Texas Instruments CDCE62002RHBT Datasheet HTML 21Page - Texas Instruments CDCE62002RHBT Datasheet HTML 22Page - Texas Instruments CDCE62002RHBT Datasheet HTML 23Page - Texas Instruments CDCE62002RHBT Datasheet HTML 24Page - Texas Instruments CDCE62002RHBT Datasheet HTML 25Page - Texas Instruments CDCE62002RHBT Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 49 page
background image
Device Registers: Register 0
CDCE62002
SCAS882A – JUNE 2009 – REVISED JULY 2009.............................................................................................................................................................. www.ti.com
Table 7. CDCE62002 Register 0 Bit Definitions
SPI RAM
BIT
RELATED
DESCRIPTION / FUNCTION
BIT
BIT
NAME
BLOCK
0
A0
Address 0
0
1
A1
Address 1
0
2
A2
Address 2
0
3
A3
Address 3
0
4
0
INBUFSELX
INBUFSELX
Input Buffer Select (LVPECL,LVDS or LVCMOS)
EEPROM
XY(00 ) Disabled, (01) LVPECL, (10) LVDS, (11) LVCMOS
5
1
INBUFSELY
INBUFSELY
EEPROM
The VBB internal Biasing will be determined from this setting
6
2
REFSEL
Smart MUX
See specific section for more detailed description and configuration
EEPROM
Bits(2,3)
setup.
7
3
AUXSEL
EEPROM
00 – RESERVED
10 – REF_IN Select
01– AUX_IN Select
11 – Auto Select ( Reference then AUX)
8
4
ACDCSEL
Input Buffers
If Set to “1” DC Termination, If set to “0” AC Termination
EEPROM
9
5
TERMSEL
Input Buffers
If Set to “0” Input Buffer Internal Termination Enabled
EEPROM
10
6
REFDIVIDE 0
EEPROM
Reference Divider Settings.
11
7
REFDIVIDE 1
EEPROM
See specific section for more detailed description and configuration
12
8
REFDIVIDE 2
EEPROM
setup.
13
9
REFDIVIDE 3
EEPROM
14
10
EXTFEEDBACK
External Feedback to PFD from AUX Input enabled when set to “1”
EEPROM
15
11
I70TEST
TEST
Set to “0” for Normal Operation.
EEPROM
16
12
ATETEST
TEST
Set to “0” for Normal Operation.
EEPROM
17
13
LOCKW(0)
PLL Lock
Lock-detect window Bit 0
EEPROM
18
14
LOCKW(1)
PLL Lock
Lock-detect window Bit 1
EEPROM
19
15
OUT0DIVRSEL0
Output 0
Output 0 Divider Settings.
EEPROM
See specific section for more detailed description and configuration
20
16
OUT0DIVRSEL1
Output 0
EEPROM
setup.
21
17
OUT0DIVRSEL2
Output 0
EEPROM
22
18
OUT0DIVRSEL3
Output 0
EEPROM
23
19
OUT1DIVRSEL0
Output 1
Output 1 Divider Settings.
EEPROM
See specific section for more detailed description and configuration
24
20
OUT1DIVRSEL1
Output 1
EEPROM
setup.
25
21
OUT1DIVRSEL2
Output 1
EEPROM
26
22
OUT1DIVRSEL3
Output 1
EEPROM
27
23
HIPERORMANCE
Output 0 & 1
High Performance, If this Bit is set to “1”:
EEPROM
– Increase the Bias in the device to achieve Best Phase Noise on the
Output Divider
– It changes the LVPECL Buffer to Hi Swing in LVPECL.
– It increases the current consumption by 20mA (Typical)
28
24
OUTBUFSEL0X
Output 0
Output Buffer mode select for OUTPUT “0 ”.
EEPROM
(X,Y)=00:Disabled, 01:LVCMOS, 10:LVDS, 11:LVPECL
29
25
OUTBUFSEL0Y
Output 0
EEPROM
30
26
OUTBUFSEL1X
Output 1
Output Buffer mode select for OUTPUT “1 ”.
EEPROM
(X,Y)=00:Disabled, 01:LVCMOS, 10:LVDS, 11:LVPECL
31
27
OUTBUFSEL1Y
Output 1
EEPROM
22
Submit Documentation Feedback
Copyright © 2009, Texas Instruments Incorporated
Product Folder Link(s): CDCE62002



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com