Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDCE62002RHBT Datasheet(PDF) 25 Page - Texas Instruments

Click here to check the latest version.
Part # CDCE62002RHBT
Description  Four Output Clock Generator/Jitter Cleaner With Integrated Dual VCOs
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CDCE62002RHBT Datasheet(HTML) 25 Page - Texas Instruments

Back Button CDCE62002RHBT Datasheet HTML 21Page - Texas Instruments CDCE62002RHBT Datasheet HTML 22Page - Texas Instruments CDCE62002RHBT Datasheet HTML 23Page - Texas Instruments CDCE62002RHBT Datasheet HTML 24Page - Texas Instruments CDCE62002RHBT Datasheet HTML 25Page - Texas Instruments CDCE62002RHBT Datasheet HTML 26Page - Texas Instruments CDCE62002RHBT Datasheet HTML 27Page - Texas Instruments CDCE62002RHBT Datasheet HTML 28Page - Texas Instruments CDCE62002RHBT Datasheet HTML 29Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 49 page
background image
Device Registers: Register 2
CDCE62002
www.ti.com.............................................................................................................................................................. SCAS882A – JUNE 2009 – REVISED JULY 2009
Table 10. CDCE62002 Register 2 Bit Definitions
SPI
RAM
BIT NAME
RELATED
DESCRIPTION / FUNCTION
BIT
BIT
BLOCK
0
A0
Address 0
0
1
A1
Address 1
1
2
A2
Address 2
0
3
A3
Address 3
0
4
0
RESERVED
Diagnostics
TI Test Registers. For TI Use Only
RAM
5
1
RESERVED
Diagnostics
TI Test Registers. For TI Use Only
RAM
6
2
RESERVED
Diagnostics
TI Test Registers. For TI Use Only
RAM
7
3
RESERVED
Diagnostics
TI Test Registers. For TI Use Only
RAM
8
4
RESERVED
Diagnostics
TI Test Registers. For TI Use Only
RAM
9
5
RESERVED
Diagnostics
TI Test Registers. For TI Use Only
RAM
10
6
PLLLOCKPIN
Status
Read Only: Status of the PLL Lock Pin Driven by the device. PLL Lock
RAM
= 1
11
7
PD
Control
Power Down mode “On” when set to “0”, Off when set to “1” is normal
RAM
operation (PD bit does not load the EEPROM into RAM when set to
"1").
12
8
SYNC
Control
If toggled “1-0-1” this bit forces “SYNC“ resynchronize the Output
RAM
Dividers.
13
9
RESERVED
Diagnostics
TI Test Registers. For TI Use Only
RAM
14
10
VERSION0
Read Only
RAM
15
11
VERSION1
Read Only
RAM
16
12
VERSION2
Read Only
RAM
17
13
PLLRESET
VCO Core
If toggled “0-1-0” it Resets PLL to start calibration. “0” is normal
RAM
operation.
18
14
RESERVED
Diagnostics
TI Test Registers. For TI Use Only
RAM
19
15
RESERVED
Diagnostics
TI Test Registers. For TI Use Only
RAM
20
16
RESERVED
Diagnostics
TI Test Registers. For TI Use Only
RAM
21
17
RESERVED
Diagnostics
TI Test Registers. For TI Use Only
RAM
22
18
RESERVED
Diagnostics
TI Test Registers. For TI Use Only
RAM
23
19
RESERVED
Diagnostics
TI Test Registers. For TI Use Only
RAM
24
20
RESERVED
Diagnostics
TI Test Registers. For TI Use Only
RAM
25
21
TITSTCFG0
Diagnostics
TI Test Registers. For TI Use Only
RAM
26
22
TITSTCFG1
Diagnostics
TI Test Registers. For TI Use Only
RAM
27
23
TITSTCFG2
Diagnostics
TI Test Registers. For TI Use Only
RAM
28
24
TITSTCFG3
Diagnostics
TI Test Registers. For TI Use Only
RAM
29
25
RESERVED
Diagnostics
TI Test Registers. For TI Use Only
RAM
30
26
RESERVED
Diagnostics
TI Test Registers. For TI Use Only
RAM
31
27
RESERVED
Diagnostics
TI Test Registers. For TI Use Only
RAM
Copyright © 2009, Texas Instruments Incorporated
Submit Documentation Feedback
25
Product Folder Link(s): CDCE62002



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com