Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PRAS2 Datasheet(PDF) 19 Page - ASM GmbH

Part # PRAS2
Description  Angle Sensors and Encoders Contents
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASM-SENSOR [ASM GmbH]
Direct Link  http://www.asm-sensor.com
Logo ASM-SENSOR - ASM GmbH

PRAS2 Datasheet(HTML) 19 Page - ASM GmbH

Back Button PRAS2 Datasheet HTML 15Page - ASM GmbH PRAS2 Datasheet HTML 16Page - ASM GmbH PRAS2 Datasheet HTML 17Page - ASM GmbH PRAS2 Datasheet HTML 18Page - ASM GmbH PRAS2 Datasheet HTML 19Page - ASM GmbH PRAS2 Datasheet HTML 20Page - ASM GmbH PRAS2 Datasheet HTML 21Page - ASM GmbH PRAS2 Datasheet HTML 22Page - ASM GmbH PRAS2 Datasheet HTML 23Page - ASM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 52 page
background image
PRDS3
PRPT-BFS1
KAB-2M-M12/8F/G-LITZE
ASM
CAT-PR/PT-E-07
19
www.asm-sensor.com
 Magnetic angle encoder 0 - 360 degrees in  
a 36 mm dia. housing 
●  With 10 mm shaft or 6 mm hollow shaft
●ProtectionclassIP67/IP69K
● Magneticmeasurementprinciple
● Incrementalencoderoutput
Specifications
Output
Incremental encoder outputs A, A, B, B, Z, Z,
RS4 compatible
Resolution
18, 56, 51, 104 pulses per revolution
Linearity
±1°
Measurement range
0 ... 360°
Max. output frequency
500 kHz (the quadrature counter of the subsequent circuit
must be able to process >500 kHz)
Material
Stainless steel / aluminium / zinc (depends on the model)
Mounting
Clamps, mounting plate
Protection class
IP67 (IP67/IP69K option, housing)
Shock
EN 60068--7:1993, 100 g/11 ms, 100 shocks
Vibration
EN 60068-2-6:1995, 20 g 10 Hz-2 kHz, 10 cycles
Life cycle of bearings
100 x 106 revolutions (<1500 r.p.m.)
Revolutions per minute
Max. 10,000 r.p.m.
Allowable shaft load
100 N radial, 100 N axial
Order Code PRDS3   
Model name
Shaft
V
= 10 mm shaft
H
= 6 mm hollow shaft
Resolution (pulses/revolution)
18 / 56 / 51 / 104
Output (see page 8)
RS4 = RS4 compatible output with excitation 5 V DC
Connection
KAB3M
= Cable, standard length 3 m, IP67
KAB3M69K = Cable, standard length 3 m, IP67/IP69K
M1A8
= 8-pin socket M1 axial
M1R8
= 8-pin socket M1 radial (in preparation)
Orderexample:PRDS3-V-1024-RS422-KAB3M
Order code mounting clamps (set of 3 pieces)
POSIROT ®
PRDS3
Magnetic Angle Encoder with Incremental Output
PRELIMINAR
Y
Order code connector cable (see accessories page 33)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com