Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PRAS2 Datasheet(PDF) 45 Page - ASM GmbH

Part # PRAS2
Description  Angle Sensors and Encoders Contents
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASM-SENSOR [ASM GmbH]
Direct Link  http://www.asm-sensor.com
Logo ASM-SENSOR - ASM GmbH

PRAS2 Datasheet(HTML) 45 Page - ASM GmbH

Back Button PRAS2 Datasheet HTML 41Page - ASM GmbH PRAS2 Datasheet HTML 42Page - ASM GmbH PRAS2 Datasheet HTML 43Page - ASM GmbH PRAS2 Datasheet HTML 44Page - ASM GmbH PRAS2 Datasheet HTML 45Page - ASM GmbH PRAS2 Datasheet HTML 46Page - ASM GmbH PRAS2 Datasheet HTML 47Page - ASM GmbH PRAS2 Datasheet HTML 48Page - ASM GmbH PRAS2 Datasheet HTML 49Page - ASM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 52 page
background image
1.....................................1 13 14 15
X1
X
X1
X
5 ........ 1
RS-3
13 14 15
PD-INC-4VDC
PD-INC-30VAC
ASM
CAT-PR/PT-E-07
45
www.asm-sensor.com
Programmable 
parameters /  
value range
Value range display, offset, limit values
-999999 to +999999
Divisor, Multiplier
0 to 999999
Other programmable parameters
Counting direction, decimal point position, last-value
memory, Z signal evaluation, display brightness
Signal T
Manual zero, key lock, display value hold, Z release,
relative measurement activation
Wiring basic unit
Signals
Connector X1  
pin no.
Connector X2  
pin no.
Sensor +U
B
1
Sensor 0 V (GND)

Signal A
4
Signal A
5
Signal B
6
Signal B
7
Signal Z (zero signal)
8
Signal Z (zero signal)
9
Signal T (reference signal)
10
Signal T (reference signal)
11
GND
1
PD-INC-4VDC
Excitation +4 V
Excitation 0 V (GND)
13
14
PD-INC-30VAC
Excitation
Protective ground
13, 15
14
Rear view without
comparator outputs
RS-232 interface
Level
RS-3: ±8 V, galvanically isolated
Data format
1 start bit, 8 data bits, 1 stop bit, no parity
Transmission rate
4800 / 9600 / ... / 11500 Baud
Signals
Connector X3 Pin No.
SUB-DPinNo.
TxD
17

RxD
16
3
GND
18
5
Rear view with comparator outputs and outline drawings see pages 48 and 49.
PRODIS ®
PD-INC
Digital process meter for incremental sensors



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com