Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PRAS2 Datasheet(PDF) 47 Page - ASM GmbH

Part # PRAS2
Description  Angle Sensors and Encoders Contents
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASM-SENSOR [ASM GmbH]
Direct Link  http://www.asm-sensor.com
Logo ASM-SENSOR - ASM GmbH

PRAS2 Datasheet(HTML) 47 Page - ASM GmbH

Back Button PRAS2 Datasheet HTML 43Page - ASM GmbH PRAS2 Datasheet HTML 44Page - ASM GmbH PRAS2 Datasheet HTML 45Page - ASM GmbH PRAS2 Datasheet HTML 46Page - ASM GmbH PRAS2 Datasheet HTML 47Page - ASM GmbH PRAS2 Datasheet HTML 48Page - ASM GmbH PRAS2 Datasheet HTML 49Page - ASM GmbH PRAS2 Datasheet HTML 50Page - ASM GmbH PRAS2 Datasheet HTML 51Page - ASM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 52 page
background image
1.....................................1 13 14 15
X1
X
X1
X
5 ........ 1
RS-3
13 14 15
PD-SSI-4VDC
PD-SSI-30VAC
ASM
CAT-PR/PT-E-07
47
www.asm-sensor.com
Programmable 
Parameters /  
Value range
Value range offset, limit values
-999999 to +999999
Divisor, multiplier
0 to 999999
Other programmable parameters
Decimal point position, display brightness
Programmable SSI parameters
Gray/dual code, sign, sampling rate, data format
Control inputs
Key lock, display value hold, tare function
Wiring basic unit
Signals
Connector X1  
pin no.
Connector X2  
pin no.
Sensor excitation +U
B (4 V or 5 V)
1
Sensor excitation 0 V (GND)

Control input 1: tare function
3
Control input : programming lock
4
Not used
5 / 6
Output CLOCK
7
Output CLOCK
8
Input DATA
9
Input DATA
10
Do not connect!
11
GND
1
PD-SSI-4VDC
Excitation +4 V
Excitation 0 V (GND)
13
14
PD-SSI-30VAC
Excitation
Protective ground
13, 15
14
Specifications
(continuation)
Protection class
Front IP60, back IP40
Humidity
Max. 80 % r.h., non condensing
Safety of equipment
Directive 73/23/EWG: DIN EN61010:2002-03
Electromagnetic compatibility, EMC
Directive 89/336/EWG
Rear view without
comparator outputs
RS-232 interface
Level
RS-3: ±8 V, galvanically isolated
Data format
1 start bit, 8 data bits, 1 stop bit, no parity
Transmission rate
9600 Baud
Signals
Connector X3 pin no.
SUB-Dpinno.
TxD
17

RxD
16
3
GND
18
5
PRODIS ® 
PD-SSI
Digital process meter for sensors with SSI output
Rear view with comparator outputs and outline drawings see the following pages.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com