Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PRAS3 Datasheet(PDF) 17 Page - ASM GmbH

Part # PRAS3
Description  Angle Sensors and Encoders Contents
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASM-SENSOR [ASM GmbH]
Direct Link  http://www.asm-sensor.com
Logo ASM-SENSOR - ASM GmbH

PRAS3 Datasheet(HTML) 17 Page - ASM GmbH

Back Button PRAS3 Datasheet HTML 13Page - ASM GmbH PRAS3 Datasheet HTML 14Page - ASM GmbH PRAS3 Datasheet HTML 15Page - ASM GmbH PRAS3 Datasheet HTML 16Page - ASM GmbH PRAS3 Datasheet HTML 17Page - ASM GmbH PRAS3 Datasheet HTML 18Page - ASM GmbH PRAS3 Datasheet HTML 19Page - ASM GmbH PRAS3 Datasheet HTML 20Page - ASM GmbH PRAS3 Datasheet HTML 21Page - ASM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 52 page
background image
ASM
CAT-PR/PT-E-07
17
www.asm-sensor.com
POSIROT ®
PRDS20 / 21
Magnetic Angle Encoder with Incremental Output
Outline drawing  
PRAS20
Outline drawing  
PRAS21
Dimensions in mm [inch]
Weight without cable approx. 5 g.
Dimensions informative only.
For guaranteed dimensions please consult factory.
Measuring area
Measuring area
Dimensions in mm [inch]
Marking
Marking
Weight without cable approx. 8 g.
Dimensions informative only.
For guaranteed dimensions please consult factory.
Position
magnet
Position
magnet



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com