Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PRAS3 Datasheet(PDF) 34 Page - ASM GmbH

Part # PRAS3
Description  Angle Sensors and Encoders Contents
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASM-SENSOR [ASM GmbH]
Direct Link  http://www.asm-sensor.com
Logo ASM-SENSOR - ASM GmbH

PRAS3 Datasheet(HTML) 34 Page - ASM GmbH

Back Button PRAS3 Datasheet HTML 30Page - ASM GmbH PRAS3 Datasheet HTML 31Page - ASM GmbH PRAS3 Datasheet HTML 32Page - ASM GmbH PRAS3 Datasheet HTML 33Page - ASM GmbH PRAS3 Datasheet HTML 34Page - ASM GmbH PRAS3 Datasheet HTML 35Page - ASM GmbH PRAS3 Datasheet HTML 36Page - ASM GmbH PRAS3 Datasheet HTML 37Page - ASM GmbH PRAS3 Datasheet HTML 38Page - ASM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 52 page
background image
PMIR4
PMIS4
M
KHZ
34
CAT-PR/PT-E-07
ASM
www.asm-sensor.com
Magnetic wheels for rotative applications with 
POSIROT®  position sensor PMIS4
•  All metal housing
•  Protection class IP67
•  Highest EMC protection
•  Large guiding distance of ±1 mm
•  Suitable for harsh environments
•Upto184,320pulses/360°
Order Code PMIR4   
(magnetic wheel)
Model name
Magnetic period
0 =  mm
Number of Poles
50 / 64 / 90 (other pole numbers on request)
Zsignalmark
O = without / M = with
Inner diameter
20 = 20H7 (other diameters on request)
Order Code PMIS4 
(sensor head)
Model name
Magnetic period
0 =  mm
Scaling factor
See table page 37
Maximumpulsefrequency(inkHz,standard50kHz)
50 / 20 / 10 (other frequencies on request, max. 480 kHz)
Output
HTL
= HTL output with excitation 24 V DC, output 24 V
TTL
= TTL output with excitation 5 V DC, output TTL/RS-4
TTL4V = TTL output with excitation 4 V DC, output TTL/10 mA
Signal Z / status signal
Z0
= A/B w/o signal Z
Z1
= A/B with signal Z
Z3
= A/B with signal Z and status signal, only for non-differential
(single-ended) outputs
Cable length (in m, standard 2 m)
Connection
S
= Open cable end
P15
= SUB-D connector at the cable end, 15 poles
Orderexamplemagneticwheel:PMIR4-20-50-O-20
Orderexamplesensor:PMIS4-20-100-50KHZ-HTL-Z0-2M-S
POSIROT ®  
PMIS4, PMIR4
Magnetic incremental encoder



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com