Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PRAS3 Datasheet(PDF) 48 Page - ASM GmbH

Part # PRAS3
Description  Angle Sensors and Encoders Contents
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASM-SENSOR [ASM GmbH]
Direct Link  http://www.asm-sensor.com
Logo ASM-SENSOR - ASM GmbH

PRAS3 Datasheet(HTML) 48 Page - ASM GmbH

Back Button PRAS3 Datasheet HTML 44Page - ASM GmbH PRAS3 Datasheet HTML 45Page - ASM GmbH PRAS3 Datasheet HTML 46Page - ASM GmbH PRAS3 Datasheet HTML 47Page - ASM GmbH PRAS3 Datasheet HTML 48Page - ASM GmbH PRAS3 Datasheet HTML 49Page - ASM GmbH PRAS3 Datasheet HTML 50Page - ASM GmbH PRAS3 Datasheet HTML 51Page - ASM GmbH PRAS3 Datasheet HTML 52Page - ASM GmbH  
Zoom Inzoom in Zoom Outzoom out
 48 / 52 page
background image
X4
X3
RS-3
30
9
8
7
6
5
4 .................................18..17..16
RS-3
8 ............................. 1
15 ....................... 9
X1
85 ... 50 V AC
48
CAT-PR/PT-E-07
ASM
www.asm-sensor.com
Comparator 
function
(option)
Comparator
Comparator output
NPN                        Connector X3 
Collector                       pin no.
Relay                  Connector X4 
                                  pin no.
LED
Comparator 1
NPN1
0
Relay 1
NO
NC
Common
5
7
6
LED1
Comparator 
NPN
1
Relay 
NO
NC
Common
8
30
9
LED
Comparator 3
NPN3

Comparator 4
NPN4
3
NPN GND
NPN U
B (+4V)
4
19
Rear view with
comparator outputs
Desktopversion
(option)
Wiring of connector X1 see table at page 43 (PD-ADC), page 45 (PD-INC) resp.
page 47 (PD-SSI).
PRODIS®
Digital process meter
Mains switch



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com