Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TUSB2043 Datasheet(PDF) 4 Page - Texas Instruments

Part # TUSB2043
Description  4-PORT HUB FOR THE UNIVERSAL SERIAL BUS WITH OPTIONAL SERIAL EEPROM INTERFACE
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TUSB2043 Datasheet(HTML) 4 Page - Texas Instruments

  TUSB2043 Datasheet HTML 1Page - Texas Instruments TUSB2043 Datasheet HTML 2Page - Texas Instruments TUSB2043 Datasheet HTML 3Page - Texas Instruments TUSB2043 Datasheet HTML 4Page - Texas Instruments TUSB2043 Datasheet HTML 5Page - Texas Instruments TUSB2043 Datasheet HTML 6Page - Texas Instruments TUSB2043 Datasheet HTML 7Page - Texas Instruments TUSB2043 Datasheet HTML 8Page - Texas Instruments TUSB2043 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
TUSB2043
4-PORT HUB FOR THE UNIVERSAL SERIAL BUS
WITH OPTIONAL SERIAL EEPROM INTERFACE
SLLS308A – FEBRUARY 1999 – REVISED AUGUST 1999
4
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
Terminal Functions
TERMINAL
I/O
DESCRIPTION
NAME
NO.
I/O
DESCRIPTION
BUSPWR
8
I
Power source indicator. BUSPWR is an active high input that indicates whether the downstream ports source
their power from the USB cable or a local power supply. For the bus-power mode, this pin should be pulled
to 3.3 V, and for the self-powered mode, this pin should be pulled low. This standard TTL input must not change
dynamically during operation.
DM0
2
I/O
Root port USB differential data minus. DM0 paired with DP0 constitutes the upstream USB port.
DM1 – DM4
11, 15,
19, 23
I/O
USB differential data minus. DM1 – DM4 paired with DP1 – DP4 support up to four downstream USB ports.
DP0
1
I/O
Root port USB differential data plus. DP0 paired with DM0 constitutes the upstream USB port.
DP1 – DP4
12, 16,
20, 24
I/O
USB differential data plus. DP1 – DP4 paired with DM1 – DM4 support up to four downstream USB ports.
EECLK
5
O
EEPROM serial clock. When EXTMEM is high, the EEPROM interace is disabled. The EECLK pin is disabled
and should be left floating (unconnected). When EXTMEM is low, EECLK acts as a 3-state serial clock output
to the EEPROM with a 100
µA internal pulldown.
EEDATA/
GANGED
6
I/O
EEPROM serial data/power management mode indicator. When EXTMEM is high, EEDATA/GANGED selects
between gang or per-port power over-current detection for the downstream ports. When EXTMEM is low,
EEDATA/GANGED acts as a serial data I/O for the EEPROM and is internally pulled down with a 100
µA
pulldown. This standard TTL input must not change dynamically during operation.
EXTMEM
26
I
EEPROM read enable. When EXTMEM is high, the serial EEPROM interface of the device is disabled. When
EXTMEM is low, terminals 5 and 6 are configured as the clock and data pins of the serial EEPROM interface,
respectively.
GND
7, 28
Ground. GND terminals must be tied to ground for proper operation.
OVRCUR1 –
OVRCUR4
10, 14,
18, 22
I
Over-current inputs. OVRCUR1 – OVRCUR4 are active low, standard TTL inputs. For per-port over current
detection, one over-current input is available for each of the four downstream ports. In the ganged mode, any
OVRCUR input may be used and all OVRCUR pins should be tied together. OVRCUR pins are active low
inputs with noise filtering logic.
PWRON1 –
PWRON4
9, 13,
17, 21
O
Power-on/-off control signals. PWRON1 – PWRON4 are active low, push-pull outputs. Push-pull outputs
eliminate the pullup resistors which open-drain outputs require. However, the external power switches that
connect to these pins must be able to operate with 3.3 V inputs because these outputs cannot drive 5 V signals.
RESET
4
I
Reset. RESET is an active low TTL input with hysteresis and must be asserted at power up. When RESET
is asserted, all logic is initialized.
SUSPND
32
O
Suspend status. SUSPND is an active high output available for external logic power down operations. During
the suspend mode, SUSPND is high. SUSPND is low for normal operation.
MODESLCT
31
I
Mode select pin. With a simple RC circuit, this pin ensures the normal operation mode is selected. Refer to
application information section for detailed information.
CLKIN
27
I
48 MHz clock input. Tie this pin to the output of the oscillator.
VCC
3, 25
3.3-V supply voltage
TESTIN
30
I
Test input pin. This pin is used as a test input pin during production test. TESTIN must be tied to VCC (3.3 V)
for normal operation.
TESTOUT
29
O
Test output pin. This pin is used as a test output pin during production test. TESTOUT must be left open during
normal operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com