Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TUSB2043 Datasheet(PDF) 2 Page - Texas Instruments

Part # TUSB2043
Description  4-PORT HUB FOR THE UNIVERSAL SERIAL BUS WITH OPTIONAL SERIAL EEPROM INTERFACE
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TUSB2043 Datasheet(HTML) 2 Page - Texas Instruments

  TUSB2043 Datasheet HTML 1Page - Texas Instruments TUSB2043 Datasheet HTML 2Page - Texas Instruments TUSB2043 Datasheet HTML 3Page - Texas Instruments TUSB2043 Datasheet HTML 4Page - Texas Instruments TUSB2043 Datasheet HTML 5Page - Texas Instruments TUSB2043 Datasheet HTML 6Page - Texas Instruments TUSB2043 Datasheet HTML 7Page - Texas Instruments TUSB2043 Datasheet HTML 8Page - Texas Instruments TUSB2043 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
TUSB2043
4-PORT HUB FOR THE UNIVERSAL SERIAL BUS
WITH OPTIONAL SERIAL EEPROM INTERFACE
SLLS308A – FEBRUARY 1999 – REVISED AUGUST 1999
2
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
description (continued)
Configuring the GANGED input determines the power switching and over-current detection modes for the
downstream ports. External power management devices such as the TPS2044 are required to control the 5-V
source to the downstream ports according to the corresponding values of the PWRON pin. Upon detecting any
over-current conditions, the power management device sets the corresponding OVRCUR pin of the TUSB2043
to a logic low. If GANGED is high, all PWRON outputs switch together and if any OVRCUR is activated, all ports
transition to power-off state. If GANGED is low, the PWRON outputs and OVRCUR inputs operate on a per port
basis.
The EXTMEM pin enables or disables the optional EEPROM interface. When the EXTMEM pin is high, the
product ID (PID) displayed during enumeration is General-Purpose USB Hub. For this default, pin 5 is disabled
and pin 6 functions as the GANGED input pin. If custom PID and Vendor ID (VID) descriptors are desired, the
EXTMEM pin must be low (EXTMEM = 0). For this configuration, pin 5 and pin 6 function as the EEPROM
interface with pin 5 and pin 6 functioning as the EECLK and EEDATA, respectively. See Table 1 for a description
of the EEPROM memory map.
Other useful features of the TUSB2043 include a package with a 0.8 mm pin pitch for easy PCB routing and
assembly, push-pull outputs for the PWRON pins eliminate the need for pullup resistors required by traditional
open collector I/Os, and OVRCUR pins with noise filtering for increased immunity to voltage spikes.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com