Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TUSB2043 Datasheet(PDF) 8 Page - Texas Instruments

Part # TUSB2043
Description  4-PORT HUB FOR THE UNIVERSAL SERIAL BUS WITH OPTIONAL SERIAL EEPROM INTERFACE
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TUSB2043 Datasheet(HTML) 8 Page - Texas Instruments

Back Button TUSB2043 Datasheet HTML 4Page - Texas Instruments TUSB2043 Datasheet HTML 5Page - Texas Instruments TUSB2043 Datasheet HTML 6Page - Texas Instruments TUSB2043 Datasheet HTML 7Page - Texas Instruments TUSB2043 Datasheet HTML 8Page - Texas Instruments TUSB2043 Datasheet HTML 9Page - Texas Instruments TUSB2043 Datasheet HTML 10Page - Texas Instruments TUSB2043 Datasheet HTML 11Page - Texas Instruments TUSB2043 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
TUSB2043
4-PORT HUB FOR THE UNIVERSAL SERIAL BUS
WITH OPTIONAL SERIAL EEPROM INTERFACE
SLLS308A – FEBRUARY 1999 – REVISED AUGUST 1999
8
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
APPLICATION INFORMATION
A major advantage of USB is the ability to connect 127 functions configured in up to six logical layers (tiers) to
a single personal computer (see Figure 5).
Figure 5. USB Tiered Configuration Example
PC
With Root Hub
Monitor
With 4-Port Hub (Self-Powered)
Keyboard
With 4-Port Hub
(Bus-Powered)
Printer
With 4-Port Hub
(Self-Powered)
Modem
Telephone
Mouse
Left
Speaker
Right
Speaker
Digital
Scanner
Scanner
Another advantage of USB is that all peripherals are connected using a standardized four-wire cable that
provides both communication and power distribution. The power configurations are bus-powered and
self-powered modes. The maximum current that may be drawn from the USB 5-V line during power up is
100 mA. For the bus-powered mode, a hub can draw a maximum of 500 mA from the 5-V line of the USB cable.
A bus-powered hub must always be connected downstream to a self-powered hub, unless it is the only hub
connected to the PC and there are no high-powered functions connected downstream. In the self-powered
mode, the hub is connected to an external power supply and can supply up to 500 mA to each downstream port.
High-powered functions may draw a maximum of 500 mA from each downstream port and may only be
connected downstream to self-powered hubs. Per the USB specification, in the bus-powered mode, each
downstream port can provide a maximum of 100 mA of current, and in the self-powered mode, each
downstream port can provide a maximum of 500 mA of current.
Both bus-powered and self-powered hubs require over-current protection for all downstream ports. The two
types of protection are individual port management (individual port basis) or ganged port management (multiple
port basis). Individual port management requires power management devices for each individual downstream
port, but adds robustness to the USB system because, in the event of an over-current condition, the USB host
only powers down the port that has the condition. The ganged configuration uses fewer power management
devices and thus has lower system costs, but in the event of an over-current condition on any of the downstream
ports, all the ganged ports are disabled by the USB host.
Using a combination of the BUSPWR and EEDATA/GANGED inputs, the TUSB2043 supports four modes of
power management: bus-powered hub with either individual port power management or ganged port power
management, and the self-powered hub with either individual port power management or ganged port power
management. Texas Instruments supplies the complete hub solution because we offer this TUSB2043, the
TUSB2077 (7-port) and the TUSB2140B (4-port with I2C) hubs along with the power management chips needed
to implement a fully USB Specification 1.1 compliant system.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com