Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TUSB2046 Datasheet(PDF) 6 Page - Texas Instruments

Part # TUSB2046
Description  4-PORT HUB FOR THE UNIVERSAL SERIAL BUS WITH OPTIONAL SERIAL EEPROM INTERFACE
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TUSB2046 Datasheet(HTML) 6 Page - Texas Instruments

Back Button TUSB2046 Datasheet HTML 2Page - Texas Instruments TUSB2046 Datasheet HTML 3Page - Texas Instruments TUSB2046 Datasheet HTML 4Page - Texas Instruments TUSB2046 Datasheet HTML 5Page - Texas Instruments TUSB2046 Datasheet HTML 6Page - Texas Instruments TUSB2046 Datasheet HTML 7Page - Texas Instruments TUSB2046 Datasheet HTML 8Page - Texas Instruments TUSB2046 Datasheet HTML 9Page - Texas Instruments TUSB2046 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
TUSB2046
4-PORT HUB FOR THE UNIVERSAL SERIAL BUS
WITH OPTIONAL SERIAL EEPROM INTERFACE
SLLS330A – FEBRUARY 1999 – REVISED AUGUST 1999
6
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
electrical characteristics over recommended ranges of operating free-air temperature and supply
voltage (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
MAX
UNIT
TTL/LVCMOS
IOH = –4 mA
VCC – 0.5
VOH
High-level output voltage
USB data lines
R(DRV) = 15 kΩ, to GND
2.8
V
USB data lines
IOH = – 12 mA (without R(DRV))
VCC – 0.5
TTL /LVCMOS
IOL = 4 mA
0.5
VOL
Low-level output voltage
USB data lines
R(DRV) = 1.5 k Ω to 3.6 V
0.3
V
USB data lines
IOL = 12 mA (without R(DRV))
0.5
VIT
Positive input threshold voltage
TTL /LVCMOS
1.8
V
VIT+
Positive input threshold voltage
Single-ended
0.8 V
≤ VICR ≤ 2.5 V
1.8
V
VIT
Negative input threshold voltage
TTL /LVCMOS
0.8
V
VIT–
Negative-input threshold voltage
Single-ended
0.8 V
≤ VICR ≤ 2.5 V
1
V
Vh
Input hysteresis† (V
V
)
TTL /LVCMOS
0.3
0.7
V
Vhys
Input hysteresis† (VT+ – VT–)
Single-ended
0.8 V
≤ VICR ≤ 2.5 V
300
500
mV
IOZ
High impedance output current
TTL/LVCMOS
V = VCC or GND‡
±10
µA
IOZ
High-impedance output current
USB data lines
0 V
≤ VO ≤ VCC
±10
µA
IIL
Low-level input current
TTL/LVCMOS
VI = GND
–1
µA
IIH
High-level input current
TTL/LVCMOS
VI = VCC
1
µA
zo(DRV) Driver output impedance
USB data lines
Static VOH or VOL
7.1
19.9
Ω
VID
Differential input voltage
USB data lines
0.8 V
≤ VICR ≤ 2.5 V
0.2
V
ICC
Input supply current
Normal operation
40
mA
ICC
Input supply current
Suspend mode
1
µA
† Applies for input buffers with hysteresis
‡ Applies for open drain buffers
differential driver switching characteristics over recommended ranges of operating free-air
temperature and supply voltage, CL = 50 pF (unless otherwise noted)
full speed mode
PARAMETER
TEST CONDITIONS
MIN
MAX
UNIT
tr
Transition rise time for DP or DM
See Figure 1 and Figure 2
4
20
ns
tf
Transition fall time for DP or DM
See Figure 1 and Figure 2
4
20
ns
t(RFM
Rise/fall time matching§
(tr/tf) × 100
90%
110%
VO(CRS) Signal crossover output voltage§
1.3
2.0
V
§ Charicterized only. Limits are approved by design and are not production tested.
low speed mode
PARAMETER
TEST CONDITIONS
MIN
MAX
UNIT
tr
Transition rise time for DP or DM§
CL = 200 pF to 600 pF,
See Figure 1 and Figure 2
75
300
ns
tf
Transition fall time for DP or DM§
CL = 200 pF to 600 pF,
See Figure 1 and Figure 2
75
300
ns
t(RFM)
Rise/fall time matching§
(tr/tf) × 100
80%
120%
VO(CRS) Signal crossover output voltage§
CL = 200 pF to 600 pF
1.3
2.0
V
§ Charicterized only. Limits are approved by design and are not production tested.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com