Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TUSB2046 Datasheet(PDF) 2 Page - Texas Instruments

Part # TUSB2046
Description  4-PORT HUB FOR THE UNIVERSAL SERIAL BUS WITH OPTIONAL SERIAL EEPROM INTERFACE
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TUSB2046 Datasheet(HTML) 2 Page - Texas Instruments

  TUSB2046 Datasheet HTML 1Page - Texas Instruments TUSB2046 Datasheet HTML 2Page - Texas Instruments TUSB2046 Datasheet HTML 3Page - Texas Instruments TUSB2046 Datasheet HTML 4Page - Texas Instruments TUSB2046 Datasheet HTML 5Page - Texas Instruments TUSB2046 Datasheet HTML 6Page - Texas Instruments TUSB2046 Datasheet HTML 7Page - Texas Instruments TUSB2046 Datasheet HTML 8Page - Texas Instruments TUSB2046 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
TUSB2046
4-PORT HUB FOR THE UNIVERSAL SERIAL BUS
WITH OPTIONAL SERIAL EEPROM INTERFACE
SLLS330A – FEBRUARY 1999 – REVISED AUGUST 1999
2
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
description (continued)
Configuring the GANGED input determines the power switching and over-current detection modes for the
downstream ports. External power management devices such as the TPS2044 are required to control the 5-V
source to the downstream ports according to the corresponding values of the PWRON pin. Upon detecting any
over-current conditions, the power management device sets the corresponding OVRCUR pin of the TUSB2046
to a logic low. If GANGED is high, all PWRON outputs switch together and if any OVRCUR is activated, all ports
transition to power off state. If GANGED is low, the PWRON outputs and OVRCUR inputs operate on a per port
basis.
Low EMI emission is achieved because the TUSB2046 is able to utilize a 6 MHz crystal input. Connect the
crystal as shown in Figure 7. An internal PLL then generates the 48 MHz clock used to sample data from the
upstream port and to synchronize the 12 MHz used for the USB clock. If low power suspend and resume are
desired, a passive crystal or resonator must be used. However, a 6-MHz oscillator may be used by connecting
the output to the XTAL1 terminal and leaving the XTAL2 terminal open. The oscillator TTL output should not
exceed 3.6 V.
The EXTMEM pin enables or disables the optional EEPROM interface. When the EXTMEM pin is high, the
product ID (PID) displayed during enumeration is General-Purpose USB Hub. For this default, pin 5 is disabled
and pin 6 functions as the GANGED input pin. If custom PID and Vendor ID (VID) descriptors are desired, the
EXTMEM pin must be low (EXTMEM = 0). For this configuration, pin 5 and pin 6 function as the EEPROM
interface with pin 5 and pin 6 functioning as the EECLK and EEDATA, respectively. See Table 1 for a description
of the EEPROM memory map.
Other useful features of the TUSB2046 include a package with a 0.8 mm pin pitch for easy PCB routing and
assembly, push-pull outputs for the PWRON pins eliminate the need for pullup resistors required by traditional
open collector I/Os, and OVRCUR pins have noise filtering for increased immunity to voltage spikes.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com