Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TUSB2046 Datasheet(PDF) 13 Page - Texas Instruments

Part # TUSB2046
Description  4-PORT HUB FOR THE UNIVERSAL SERIAL BUS WITH OPTIONAL SERIAL EEPROM INTERFACE
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TUSB2046 Datasheet(HTML) 13 Page - Texas Instruments

Back Button TUSB2046 Datasheet HTML 8Page - Texas Instruments TUSB2046 Datasheet HTML 9Page - Texas Instruments TUSB2046 Datasheet HTML 10Page - Texas Instruments TUSB2046 Datasheet HTML 11Page - Texas Instruments TUSB2046 Datasheet HTML 12Page - Texas Instruments TUSB2046 Datasheet HTML 13Page - Texas Instruments TUSB2046 Datasheet HTML 14Page - Texas Instruments TUSB2046 Datasheet HTML 15Page - Texas Instruments TUSB2046 Datasheet HTML 16Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
TUSB2046
4-PORT HUB FOR THE UNIVERSAL SERIAL BUS
WITH OPTIONAL SERIAL EEPROM INTERFACE
SLLS330A – FEBRUARY 1999 – REVISED AUGUST 1999
13
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
APPLICATION INFORMATION
self-powered hub, ganged port power management
The TUSB2046 can also be implemented for ganged port power management in a self-powered configuration.
The implementation is very similar to the bus-powered example with the exception that a self-powered port
supplies 500 mA of current to each downstream port. The over-current protection can be provided by a TPS2044
quad device or a TPS2024 single power switch.
6-MHz Clock
Signal
Figure 10. TUSB2046 Self-Powered Hub, Ganged Port Power Management Application
† TPS2044, TPS2042, and SN75240 are Texas Instruments devices.
The TPS2024 can be substituted for the TPS2044.
‡ 120
µF per hub is the minimum required per the USB specification, version 1.1. However, TI recommends a 100 µF low ESR tantulum capacitor
per port for immunity to voltage droop.
§ LDO is a 5 V to 3.3 V voltage regulator
DP1
DM1
DP2
DM2
PWRON1
PWRON2
PWRON3
PWRON4
OVRCUR1
OVRCUR2
OVRCUR3
OVRCUR4
GND
XTAL1
XTAL2
EXTMEM
RESET
TPS2044†
IN1
EN1
OUT1
D +
D –
5 V
GND
D +
D –
5 V
Downstream
Ports
OC1
TUSB2046
DP3
DM3
DP4
DM4
SN75240†
A
B
C
D
100
µF‡
GND
100
µF‡
DP0
DM0
VCC
5 V
3.3 V
GND
D +
D –
Upstream
Port
3.3 V LDO§
SN75240†
A
B
5 V
GND
C
D
4.7
µF
0.1
µF
4.7
µF
Ferrite Beads
5 V Board Power
Supply
Ferrite Beads
0.1
µF
D +
D –
5 V
GND
D +
D –
5 V
GND
100
µF‡
Ferrite Beads
SN75240†
A
B
C
D
100
µF‡
BUSPWR
3.3 V
Ferrite Beads
EEDATA/GANGED
System
Power-On Reset
EN2
EN3
EN4
OC2
OC3
OC4
OUT2
OUT3
OUT4
IN2
3.3 V
1.5 k
Ω
3.3 V
15 k
Ω
15 k
Ω
15 k
Ω
15 k
Ω
15 k
Ω
15 k
Ω
15 k
Ω
15 k
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com