Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP112 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # TMP112
Description  High-Accuracy, Low-Power, Digital Temperature Sensor With SMBus??Two-Wire Serial Interface in SOT563
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMP112 Datasheet(HTML) 4 Page - Texas Instruments

  TMP112 Datasheet HTML 1Page - Texas Instruments TMP112 Datasheet HTML 2Page - Texas Instruments TMP112 Datasheet HTML 3Page - Texas Instruments TMP112 Datasheet HTML 4Page - Texas Instruments TMP112 Datasheet HTML 5Page - Texas Instruments TMP112 Datasheet HTML 6Page - Texas Instruments TMP112 Datasheet HTML 7Page - Texas Instruments TMP112 Datasheet HTML 8Page - Texas Instruments TMP112 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
TYPICAL CHARACTERISTICS
TemperatureError( C)
°
AccuracyvsSupply( C/V)
°
1.0
0.8
0.6
0.4
0.2
0
0.2
0.4
0.6
0.8
1.0
-
-
-
-
-
Temperature( C)
°
-50
-25
0
25
50
75
100
125
20
18
16
14
12
10
8
6
4
2
0
Temperature( C)
°
-60
-20
40
60
140 160
3.6VSupply
-40
0
20
80
100 120
1.4VSupply
10
9
8
7
6
5
4
3
2
1
0
Temperature( C)
°
-60 -40
0
40
140 160
3.6VSupply
1.4VSupply
-20
20
60
80
100 120
100
90
80
70
60
50
40
30
20
10
0
BusFrequency(Hz)
1k
10k
100k
1M
10M
-
°
55 C
+25 C
°
+125 C
°
TMP112
SBOS473B – MARCH 2009 – REVISED JUNE 2009 ......................................................................................................................................................... www.ti.com
At TA = +25°C and V+ = 3.3V, unless otherwise noted.
TEMPERATURE ERROR AT +25°C
ACCURACY vs SUPPLY
Figure 1.
Figure 2.
QUIESCENT CURRENT vs TEMPERATURE
TEMPERATURE ERROR vs TEMPERATURE
(Four Conversions per Second)
Figure 3.
Figure 4.
QUIESCENT CURRENT vs BUS FREQUENCY
SHUTDOWN CURRENT vs TEMPERATURE
(Temperature at 3.3V Supply)
Figure 5.
Figure 6.
4
Submit Documentation Feedback
Copyright © 2009, Texas Instruments Incorporated
Product Folder Link(s): TMP112



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com