Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP112 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # TMP112
Description  High-Accuracy, Low-Power, Digital Temperature Sensor With SMBus??Two-Wire Serial Interface in SOT563
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMP112 Datasheet(HTML) 13 Page - Texas Instruments

Back Button TMP112 Datasheet HTML 9Page - Texas Instruments TMP112 Datasheet HTML 10Page - Texas Instruments TMP112 Datasheet HTML 11Page - Texas Instruments TMP112 Datasheet HTML 12Page - Texas Instruments TMP112 Datasheet HTML 13Page - Texas Instruments TMP112 Datasheet HTML 14Page - Texas Instruments TMP112 Datasheet HTML 15Page - Texas Instruments TMP112 Datasheet HTML 16Page - Texas Instruments TMP112 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
NOISE
TMP112
SCL
SDA
GND
V+
ALERT
ADD0
C
F
10nF
³
R
F
5k
£
W
SupplyVoltage
TIMING DIAGRAMS
TMP112
www.ti.com ......................................................................................................................................................... SBOS473B – MARCH 2009 – REVISED JUNE 2009
Start Data Transfer: A change in the state of the
SDA line, from high to low, while the SCL line is high,
The TMP112 is a very low-power device and
defines a START condition. Each data transfer is
generates very low noise on the supply bus. Applying
initiated with a START condition.
an RC filter to the V+ pin of the TMP112 can further
reduce any noise that the TMP112 might propagate
Stop Data Transfer: A change in the state of the
to other components. RF in Figure 14 should be less
SDA line from low to high while the SCL line is high
than 5k
Ω and CF should be greater than 10nF.
defines a STOP condition. Each data transfer is
terminated
with
a
repeated
START
or
STOP
condition.
Data Transfer: The number of data bytes transferred
between a START and a STOP condition is not
limited and is determined by the master device. It is
also possible to use the TMP112 for single byte
updates. To update only the MS byte, terminate the
communication
by
issuing
a
START
or
STOP
communication on the bus.
Acknowledge:
Each
receiving
device,
when
addressed, is obliged to generate an Acknowledge
bit. A device that acknowledges must pull down the
SDA line during the Acknowledge clock pulse in such
a way that the SDA line is stable low during the high
Figure 14. Noise Reduction Techniques
period of the Acknowledge clock pulse. Setup and
hold times must be taken into account. On a master
receive, the termination of the data transfer can be
signaled
by
the
master
generating
a
Not-Acknowledge ('1') on the last byte that has been
The TMP112 is two-wire and SMBus compatible.
transmitted by the slave.
Figure
15
to
Figure
18
describe
the
various
operations on the TMP112. Parameters for Figure 15
are defined in Table 13. Bus definitions are:
Bus Idle: Both SDA and SCL lines remain high.
Table 13. Timing Diagram Definitions
FAST MODE
HIGH-SPEED MODE
PARAMETER
TEST CONDITIONS
MIN
MAX
MIN
MAX
UNIT
f(SCL)
SCL Operating Frequency, VS > 1.7V
0.001
0.4
0.001
3.4
MHz
f(SCL)
SCL Operating Frequency, VS < 1.7V
0.001
0.4
0.001
2.75
MHz
Bus Free Time Between STOP and START
t(BUF)
600
160
ns
Condition
Hold time after repeated START condition.
t(HDSTA)
100
100
ns
After this period, the first clock is generated.
t(SUSTA)
Repeated START Condition Setup Time
100
100
ns
t(SUSTO)
STOP Condition Setup Time
100
100
ns
t(HDDAT)
Data Hold Time
0
0
ns
t(SUDAT)
Data Setup Time
100
10
ns
t(LOW)
SCL Clock Low Period, VS > 1.7V
1300
160
ns
t(LOW)
SCL Clock Low Period, VS < 1.7V
1300
200
ns
t(HIGH)
SCL Clock High Period
600
60
ns
tF
Clock/Data Fall Time
300
ns
tR
Clock/Data Rise Time
300
160
ns
tR
Clock/Data Rise Time for SCLK
≤ 100kHz
1000
ns
Copyright © 2009, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Link(s): TMP112



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com