Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP112 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # TMP112
Description  High-Accuracy, Low-Power, Digital Temperature Sensor With SMBus??Two-Wire Serial Interface in SOT563
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMP112 Datasheet(HTML) 7 Page - Texas Instruments

Back Button TMP112 Datasheet HTML 3Page - Texas Instruments TMP112 Datasheet HTML 4Page - Texas Instruments TMP112 Datasheet HTML 5Page - Texas Instruments TMP112 Datasheet HTML 6Page - Texas Instruments TMP112 Datasheet HTML 7Page - Texas Instruments TMP112 Datasheet HTML 8Page - Texas Instruments TMP112 Datasheet HTML 9Page - Texas Instruments TMP112 Datasheet HTML 10Page - Texas Instruments TMP112 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
POINTER REGISTER
TEMPERATURE REGISTER
I/O
Control
Interface
SCL
SDA
Temperature
Register
Configuration
Register
T
LOW
Register
T
HIGH
Register
Pointer
Register
TMP112
www.ti.com ......................................................................................................................................................... SBOS473B – MARCH 2009 – REVISED JUNE 2009
Figure 11 shows the internal register structure of the
The
Temperature
Register
of
the
TMP112
is
TMP112. The 8-bit Pointer Register of the device is
configured
as
a
12-bit,
read-only
register
used to address a given data register. The Pointer
(Configuration Register EM bit = '0'; see the Extended
Register uses the two LSBs (see Table 11) to identify
Mode section), or as a 13-bit, read-only register
which of the data registers should respond to a read
(Configuration Register EM bit = '1') that stores the
or write command. Table 1 identifies the bits of the
output of the most recent conversion. Two bytes must
Pointer Register byte. During a write command, P2
be read to obtain data, and are described in Table 3
through P7 must always be '0'. Table 2 describes the
and Table 4. Note that byte 1 is the most significant
pointer address of the registers available in the
byte (MSB), followed by byte 2, the least significant
TMP112. The power-up reset value of P1/P0 is '00'.
byte (LSB). The first 12 bits (13 bits in Extended
By default, the TMP112 reads the temperature on
mode) are used to indicate temperature. The least
power-up.
significant byte does not have to be read if that
information is not needed. The data format for
temperature is summarized in Table 5 and Table 6.
One LSB equals 0.0625°C. Negative numbers are
represented in binary twos complement format.
Following
power-up
or
reset,
the
Temperature
Register reads 0°C until the first conversion is
complete. Bit D0 of byte 2 indicates Normal mode
(EM bit = '0') or Extended mode (EM bit = '1'), and
can
be
used
to
distinguish
between
the
two
temperature register data formats. The unused bits in
the Temperature Register always read '0'.
Table 3. Byte 1 of Temperature Register(1)
D7
D6
D5
D4
D3
D2
D1
D0
T11
T10
T9
T8
T7
T6
T5
T4
(T12)
(T11)
(T10)
(T9)
(T8)
(T7)
(T6)
(T5)
(1) Extended mode 13-bit configuration shown in parentheses.
Table 4. Byte 2 of Temperature Register(1)
Figure 11. Internal Register Structure
D7
D6
D5
D4
D3
D2
D1
D0
T3
T2
T1
T0
0
0
0
0
Table 1. Pointer Register Byte
(T4)
(T3)
(T2)
(T1)
(T0)
(0)
(0)
(1)
P7
P6
P5
P4
P3
P2
P1
P0
(1) Extended mode 13-bit configuration shown in parentheses.
0
0
0
0
0
0
Register Bits
Table 2. Pointer Addresses
P1
P0
REGISTER
0
0
Temperature Register (Read Only)
0
1
Configuration Register (Read/Write)
1
0
TLOW Register (Read/Write)
1
1
THIGH Register (Read/Write)
Copyright © 2009, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Link(s): TMP112



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com