Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP112AIDRLR Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TMP112AIDRLR
Description  High-Accuracy, Low-Power, Digital Temperature Sensor With SMBus??Two-Wire Serial Interface in SOT563
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMP112AIDRLR Datasheet(HTML) 1 Page - Texas Instruments

  TMP112AIDRLR Datasheet HTML 1Page - Texas Instruments TMP112AIDRLR Datasheet HTML 2Page - Texas Instruments TMP112AIDRLR Datasheet HTML 3Page - Texas Instruments TMP112AIDRLR Datasheet HTML 4Page - Texas Instruments TMP112AIDRLR Datasheet HTML 5Page - Texas Instruments TMP112AIDRLR Datasheet HTML 6Page - Texas Instruments TMP112AIDRLR Datasheet HTML 7Page - Texas Instruments TMP112AIDRLR Datasheet HTML 8Page - Texas Instruments TMP112AIDRLR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
TMP1
12
1
FEATURES
DESCRIPTION
APPLICATIONS
TemperatureError( C)
°
TMP112
www.ti.com ......................................................................................................................................................... SBOS473B – MARCH 2009 – REVISED JUNE 2009
High-Accuracy, Low-Power, Digital Temperature Sensor
With SMBus™/Two-Wire Serial Interface in SOT563
23
• TINY SOT563 PACKAGE
The TMP112 is a two-wire, serial output temperature
sensor available in a tiny SOT563 package. Requiring
• ACCURACY:
no external components, the TMP112 is capable of
0.5°C (max) from 0°C to +65°C
reading temperatures to a resolution of 0.0625°C.
1.0°C (max) from –40°C to +125°C
The TMP112 slope-specification allows users to
• LOW QUIESCENT CURRENT:
calibrate for higher accuracy.
10
µA Active (max), 1µA Shutdown (max)
The TMP112 features both SMBus and two-wire
• SUPPLY RANGE: 1.4V to 3.6V
interface compatibility, and allows up to four devices
• RESOLUTION: 12 Bits
on one bus. It also features an SMBus alert function.
• DIGITAL OUTPUT: Two-Wire Serial Interface
The TMP112 is ideal for extended temperature
measurement
in
communication,
computer,
consumer,
environmental,
industrial,
and
• PORTABLE AND BATTERY-POWERED
instrumentation
applications.
It
is
specified
for
APPLICATIONS
operation over a temperature range of –40°C to
+125°C.
• POWER-SUPPLY TEMPERATURE
MONITORING
TEMPERATURE ERROR AT +25°C
• COMPUTER PERIPHERAL THERMAL
PROTECTION
• NOTEBOOK COMPUTERS
• BATTERY MANAGEMENT
• OFFICE MACHINES
• THERMOSTAT CONTROLS
• ELECTROMECHANICAL DEVICE
TEMPERATURES
• GENERAL TEMPERATURE MEASUREMENTS:
Industrial Controls
Test Equipment
Medical Instrumentation
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
SMBus is a trademark of Intel, Inc.
3
All other trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2009, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - TMP112AIDRLR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMP112AIDRLR TI-TMP112AIDRLR Datasheet
625Kb / 25P
High-Accuracy, Low-Power, Digital Temperature Sensor With SMBus??Two-Wire Serial Interface in SOT563
TMP112AIDRLR TI1-TMP112AIDRLR Datasheet
982Kb / 32P
High-Accuracy, Low-Power, Digital Temperature Sensors With SMBus and Two-Wire Serial Interface in SOT563
logo
Guangdong Youtai Semico...
TMP112AIDRLR UMW-TMP112AIDRLR Datasheet
756Kb / 17P
Temperature range: -55°C ~ 150°C
logo
Texas Instruments
TMP112AIDRLR TI1-TMP112AIDRLR Datasheet
1Mb / 47P
TMP112x High-Accuracy, Low-Power, Digital Temperature Sensors With SMBus and Two-Wire Serial Interface in SOT563 and X2SON Packages
FEBRUARY 2024
TMP112AIDRLR TI1-TMP112AIDRLR Datasheet
1Mb / 47P
TMP112x High-Accuracy, Low-Power, Digital Temperature Sensors With SMBus and Two-Wire Serial Interface in SOT563 and X2SON Packages
FEBRUARY 2024
More results

Similar Description - TMP112AIDRLR

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
TMP102 BURR-BROWN-TMP102 Datasheet
328Kb / 19P
Low Power Digital Temperature Sensor With SMBus??Two-Wire Serial Interface in SOT563
logo
Texas Instruments
TMP102 TI-TMP102 Datasheet
452Kb / 19P
Low Power Digital Temperature Sensor With SMBusTM,Two-Wire Serial Interface in SOT563
TMP112 TI-TMP112_1 Datasheet
625Kb / 25P
High-Accuracy, Low-Power, Digital Temperature Sensor With SMBus??Two-Wire Serial Interface in SOT563
TMP102 TI-TMP102_13 Datasheet
888Kb / 22P
Low Power Digital Temperature Sensor With SMBus??Two-Wire Serial Interface in SOT563
TMP112 TI1-TMP112_15 Datasheet
988Kb / 35P
TMP112 High-Accuracy, Low-Power, Digital Temperature Sensor With SMBus and Two-Wire Serial Interface in SOT563
TMP102 TI-TMP102_15 Datasheet
891Kb / 30P
TMP102 Low-Power Digital Temperature Sensor With SMBus and Two-Wire Serial Interface in SOT563
TMP102-Q1 TI-TMP102-Q1 Datasheet
854Kb / 29P
TMP102-Q1 Low-Power Digital Temperature Sensor With SMBus and Two-Wire Serial Interface in SOT563
TMP108 TI-TMP108_15 Datasheet
771Kb / 21P
Low Power Digital Temperature Sensor With Two-Wire Serial Interface in WCSP
TMP102 TI1-TMP102_17 Datasheet
955Kb / 30P
Low-Power Digital Temperature Sensor With SMBus and Two-Wire Serial Interface in SOT563
TMP112 TI1-TMP112_18 Datasheet
982Kb / 32P
High-Accuracy, Low-Power, Digital Temperature Sensors With SMBus and Two-Wire Serial Interface in SOT563
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com