Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP112AIDRLR Datasheet(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
Part # TMP112AIDRLR
Description  High-Accuracy, Low-Power, Digital Temperature Sensor With SMBus??Two-Wire Serial Interface in SOT563
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMP112AIDRLR Datasheet(HTML) 16 Page - Texas Instruments

Back Button TMP112AIDRLR Datasheet HTML 12Page - Texas Instruments TMP112AIDRLR Datasheet HTML 13Page - Texas Instruments TMP112AIDRLR Datasheet HTML 14Page - Texas Instruments TMP112AIDRLR Datasheet HTML 15Page - Texas Instruments TMP112AIDRLR Datasheet HTML 16Page - Texas Instruments TMP112AIDRLR Datasheet HTML 17Page - Texas Instruments TMP112AIDRLR Datasheet HTML 18Page - Texas Instruments TMP112AIDRLR Datasheet HTML 19Page - Texas Instruments TMP112AIDRLR Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 24 page
background image
CALIBRATING FOR IMPROVED ACCURACY
0.8
0.6
0.4
0.2
0
0.2
0.4
0.6
-
-
-
Temperature( C)
°
-40
-20
0
20
40
60
130
Slope1
MAX
Slope1
MIN
Slope2
MAX
Slope2
MIN
Slope3
MIN
100 110 120
80 90
70
50
30
10
-30
-10
Slope3
MAX
Accuracy
=Acc
+ T
Slope
D ´
(worst-case)
25°C)
uracy
(
(1)
TMP112
SBOS473B – MARCH 2009 – REVISED JUNE 2009 ......................................................................................................................................................... www.ti.com
There are many temperature monitoring applications that require better than 0.5°C accuracy over a limited
temperature range. Knowing the offset of a temperature sensor at a given temperature in conjunction with the
average temperature span (slope) error over a fixed range makes it possible to achieve this improved accuracy.
The TMP112 has three distinct slope regions that conservatively approximate its inherent curvature:
1. Slope1 applies over –40°C to +25°C
2. Slope2 applies over +25°C to +85°C
3. Slope3 applies over +85°C to +125°C
These slopes are defined in Table 14 and shown in Figure 19.It is important to note that each slope is increasing
with respect to 25°C.
Table 14. Specifications for User-Calibrated Systems
PARAMETER
CONDITION
MIN
MAX
UNIT
VS = +3.3, –40°C to +25°C
–7
0
m°C/°C
Average Slope
(Temperature Error vs
VS = +3.3, +25°C to +85°C
0
+5
m°C/°C
Temperature)(1)
VS = +3.3, +85°C to +125°C
0
+8
m°C/°C
(1)
User-calibrated temperature accuracy can be within ±1LSB because of quantization noise.
Figure 19. Accuracy and Slope Curves versus Temperature
Equation 1 determines the worst-case accuracy at a specific temperature:
16
Submit Documentation Feedback
Copyright © 2009, Texas Instruments Incorporated
Product Folder Link(s): TMP112



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com