Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP112AIDRLR Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # TMP112AIDRLR
Description  High-Accuracy, Low-Power, Digital Temperature Sensor With SMBus??Two-Wire Serial Interface in SOT563
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMP112AIDRLR Datasheet(HTML) 2 Page - Texas Instruments

  TMP112AIDRLR Datasheet HTML 1Page - Texas Instruments TMP112AIDRLR Datasheet HTML 2Page - Texas Instruments TMP112AIDRLR Datasheet HTML 3Page - Texas Instruments TMP112AIDRLR Datasheet HTML 4Page - Texas Instruments TMP112AIDRLR Datasheet HTML 5Page - Texas Instruments TMP112AIDRLR Datasheet HTML 6Page - Texas Instruments TMP112AIDRLR Datasheet HTML 7Page - Texas Instruments TMP112AIDRLR Datasheet HTML 8Page - Texas Instruments TMP112AIDRLR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
ABSOLUTE MAXIMUM RATINGS
(1)
PIN CONFIGURATION
1
2
3
6
5
4
SDA
V+
ADD0
SCL
GND
ALERT
TMP112
SBOS473B – MARCH 2009 – REVISED JUNE 2009 ......................................................................................................................................................... www.ti.com
This integrated circuit can be damaged by ESD. Texas Instruments recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling and installation procedures can cause damage.
ESD damage can range from subtle performance degradation to complete device failure. Precision integrated circuits may be more
susceptible to damage because very small parametric changes could cause the device not to meet its published specifications.
PACKAGE INFORMATION(1)
PRODUCT
PACKAGE-LEAD
PACKAGE DESIGNATOR
PACKAGE MARKING
TMP112
SOT563
DRL
OBS
(1)
For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI
web site at www.ti.com.
PARAMETER
TMP112
UNIT
Supply Voltage
5
V
Input Voltage, Pins 1, 4, and 6
–0.5 to +5
V
Input Voltage, Pin 3
–0.5 to (VS) + 0.5
V
Operating Temperature
–55 to +150
°C
Storage Temperature
–60 to +150
°C
Junction Temperature
+150
°C
Human Body Model (HBM)
2000
V
ESD Rating
Charged Device Model (CDM)
1000
V
Machine Model (MM)
200
V
(1)
Stresses above these ratings may cause permanent damage. Exposure to absolute maximum conditions for extended periods may
degrade device reliability. These are stress ratings only, and functional operation of the device at these or any other conditions beyond
those specified is not supported.
DRL PACKAGE
SOT563
(TOP VIEW)
2
Submit Documentation Feedback
Copyright © 2009, Texas Instruments Incorporated
Product Folder Link(s): TMP112



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com