Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS320C28343ZHHT Datasheet(PDF) 55 Page - Texas Instruments

Part # TMS320C28343ZHHT
Description  Delfino Microcontrollers
PDF  153 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320C28343ZHHT Datasheet(HTML) 55 Page - Texas Instruments

Back Button TMS320C28343ZHHT Datasheet HTML 51Page - Texas Instruments TMS320C28343ZHHT Datasheet HTML 52Page - Texas Instruments TMS320C28343ZHHT Datasheet HTML 53Page - Texas Instruments TMS320C28343ZHHT Datasheet HTML 54Page - Texas Instruments TMS320C28343ZHHT Datasheet HTML 55Page - Texas Instruments TMS320C28343ZHHT Datasheet HTML 56Page - Texas Instruments TMS320C28343ZHHT Datasheet HTML 57Page - Texas Instruments TMS320C28343ZHHT Datasheet HTML 58Page - Texas Instruments TMS320C28343ZHHT Datasheet HTML 59Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 153 page
background image
3.6.1.3 Loss of Input Clock
3.6.2
Watchdog Block
/512
OSCCLK
WDCR(WDPS[2:0])
WDCLK
WDCNTR(7:0)
WDKEY(7:0)
GoodKey
1
0
1
WDCR(WDCHK[2:0])
Bad
WDCHK
Key
WDCR(WDDIS)
ClearCounter
SCSR(WDENINT)
Watchdog
Prescaler
Generate
OutputPulse
(512OSCCLKs)
8-Bit
Watchdog
Counter
CLR
WDRST
WDINT
Watchdog
55+AA
KeyDetector
XRS
Core-reset
WDRST(A)
Internal
Pullup
TMS320C28346, TMS320C28345, TMS320C28344
TMS320C28343, TMS320C28342, TMS320C28341
Delfino Microcontrollers
www.ti.com
SPRS516 – MARCH 2009
Table 3-14. Possible PLL Configuration Modes
CLKIN AND
PLL MODE
REMARKS
PLLSTS[DIVSEL](1)
SYSCLKOUT
Invoked by the user setting the PLLOFF bit in the PLLSTS register. The PLL block
0
OSCCLK/8
is disabled in this mode. This can be useful to reduce system noise and for low
1
OSCCLK/4
PLL Off
power operation. The PLLCR register must first be set to 0x0000 (PLL Bypass)
2
OSCCLK/2
before entering this mode. The CPU clock (CLKIN) is derived directly from the
3
OSCCLK/1
input clock on either X1/X2, X1 or XCLKIN.
PLL Bypass is the default PLL configuration upon power-up or after an external
0
OSCCLK/8
reset (XRS). This mode is selected when the PLLCR register is set to 0x0000 or
1
OSCCLK/4
PLL Bypass
while the PLL locks to a new frequency after the PLLCR register has been
2
OSCCLK/2
modified. In this mode, the PLL itself is bypassed but the PLL is not turned off.
3
OSCCLK/1
0
OSCCLK*n/8
Achieved by writing a non-zero value n into the PLLCR register. Upon writing to the
1
OSCCLK*n/4
PLL Enable
PLLCR the device will switch to PLL Bypass mode until the PLL locks.
2
OSCCLK*n/2
3
–(2)
(1)
PLLSTS[DIVSEL] must be 0 before writing to the PLLCR and must be set to 2 or 3 only after PLLSTS[PLLLOCKS] = 1. See the
TMS320x2834x Delfino System Control and Interrupts Reference Guide (literature number SPRUFN1) for more information.
(2)
PLLSTS[DIVSEL] should not be set to /1 mode while the PLL is enabled and not bypassed.
Applications in which the correct CPU operating frequency is absolutely critical should implement a
mechanism by which the MCU will be held in reset, should the input clocks ever fail. For example, an R-C
circuit may be used to trigger the XRS pin of the MCU, should the capacitor ever get fully charged. An I/O
pin may be used to discharge the capacitor on a periodic basis to prevent it from getting fully charged.
The watchdog block on the C2834x device is similar to the one used on the 240x and 281x devices. The
watchdog module generates an output pulse, 512 oscillator clocks wide (OSCCLK), whenever the 8-bit
watchdog up counter has reached its maximum value. To prevent this, the user disables the counter or the
software must periodically write a 0x55 + 0xAA sequence into the watchdog key register which will reset
the watchdog counter. Figure 3-13 shows the various functional blocks within the watchdog module.
A.
The WDRST signal is driven low for 512 OSCCLK cycles.
Figure 3-13. Watchdog Module
The WDINT signal enables the watchdog to be used as a wakeup from IDLE/STANDBY mode.
Submit Documentation Feedback
Functional Overview
55



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com