Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS320C28343ZHHT Datasheet(PDF) 82 Page - Texas Instruments

Part # TMS320C28343ZHHT
Description  Delfino Microcontrollers
PDF  153 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320C28343ZHHT Datasheet(HTML) 82 Page - Texas Instruments

Back Button TMS320C28343ZHHT Datasheet HTML 78Page - Texas Instruments TMS320C28343ZHHT Datasheet HTML 79Page - Texas Instruments TMS320C28343ZHHT Datasheet HTML 80Page - Texas Instruments TMS320C28343ZHHT Datasheet HTML 81Page - Texas Instruments TMS320C28343ZHHT Datasheet HTML 82Page - Texas Instruments TMS320C28343ZHHT Datasheet HTML 83Page - Texas Instruments TMS320C28343ZHHT Datasheet HTML 84Page - Texas Instruments TMS320C28343ZHHT Datasheet HTML 85Page - Texas Instruments TMS320C28343ZHHT Datasheet HTML 86Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 153 page
background image
TMS320C28346, TMS320C28345, TMS320C28344
TMS320C28343, TMS320C28342, TMS320C28341
Delfino Microcontrollers
SPRS516 – MARCH 2009
www.ti.com
The SPI port operation is configured and controlled by the registers listed in Table 4-13 and Table 4-14.
Table 4-13. SPI-A Registers
NAME
ADDRESS
SIZE (X16)
DESCRIPTION(1)
SPICCR
0x7040
1
SPI-A Configuration Control Register
SPICTL
0x7041
1
SPI-A Operation Control Register
SPISTS
0x7042
1
SPI-A Status Register
SPIBRR
0x7044
1
SPI-A Baud Rate Register
SPIRXEMU
0x7046
1
SPI-A Receive Emulation Buffer Register
SPIRXBUF
0x7047
1
SPI-A Serial Input Buffer Register
SPITXBUF
0x7048
1
SPI-A Serial Output Buffer Register
SPIDAT
0x7049
1
SPI-A Serial Data Register
SPIFFTX
0x704A
1
SPI-A FIFO Transmit Register
SPIFFRX
0x704B
1
SPI-A FIFO Receive Register
SPIFFCT
0x704C
1
SPI-A FIFO Control Register
SPIPRI
0x704F
1
SPI-A Priority Control Register
(1)
Registers in this table are mapped to Peripheral Frame 2. This space only allows 16-bit accesses. 32-bit accesses produce undefined
results.
Table 4-14. SPI-D Registers
NAME
ADDRESS
SIZE (X16)
DESCRIPTION(1)
SPICCR
0x7780
1
SPI-D Configuration Control Register
SPICTL
0x7781
1
SPI-D Operation Control Register
SPISTS
0x7782
1
SPI-D Status Register
SPIBRR
0x7784
1
SPI-D Baud Rate Register
SPIRXEMU
0x7786
1
SPI-D Receive Emulation Buffer Register
SPIRXBUF
0x7787
1
SPI-D Serial Input Buffer Register
SPITXBUF
0x7788
1
SPI-D Serial Output Buffer Register
SPIDAT
0x7789
1
SPI-D Serial Data Register
SPIFFTX
0x778A
1
SPI-D FIFO Transmit Register
SPIFFRX
0x778B
1
SPI-D FIFO Receive Register
SPIFFCT
0x778C
1
SPI-D FIFO Control Register
SPIPRI
0x778F
1
SPI-D Priority Control Register
(1)
Registers in this table are mapped to Peripheral Frame 2. This space only allows 16-bit accesses. 32-bit accesses produce undefined
results.
Peripherals
82
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com