Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS320C28343ZHHT Datasheet(PDF) 56 Page - Texas Instruments

Part # TMS320C28343ZHHT
Description  Delfino Microcontrollers
PDF  153 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320C28343ZHHT Datasheet(HTML) 56 Page - Texas Instruments

Back Button TMS320C28343ZHHT Datasheet HTML 52Page - Texas Instruments TMS320C28343ZHHT Datasheet HTML 53Page - Texas Instruments TMS320C28343ZHHT Datasheet HTML 54Page - Texas Instruments TMS320C28343ZHHT Datasheet HTML 55Page - Texas Instruments TMS320C28343ZHHT Datasheet HTML 56Page - Texas Instruments TMS320C28343ZHHT Datasheet HTML 57Page - Texas Instruments TMS320C28343ZHHT Datasheet HTML 58Page - Texas Instruments TMS320C28343ZHHT Datasheet HTML 59Page - Texas Instruments TMS320C28343ZHHT Datasheet HTML 60Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 153 page
background image
3.7
Low-Power Modes Block
TMS320C28346, TMS320C28345, TMS320C28344
TMS320C28343, TMS320C28342, TMS320C28341
Delfino Microcontrollers
SPRS516 – MARCH 2009
www.ti.com
In STANDBY mode, all peripherals are turned off on the device. The only peripheral that remains
functional is the watchdog. The WATCHDOG module will run off OSCCLK. The WDINT signal is fed to the
LPM block so that it can wake the device from STANDBY (if enabled). See Section Section 3.7,
Low-Power Modes Block, for more details.
In IDLE mode, the WDINT signal can generate an interrupt to the CPU, via the PIE, to take the CPU out of
IDLE mode.
In HALT mode, this feature cannot be used because the oscillator (and PLL) are turned off and hence so
is the WATCHDOG.
The low-power modes on the C2834x devices devices are similar to the 240x devices. Table 3-15
summarizes the various modes.
Table 3-15. Low-Power Modes
MODE
LPMCR0(1:0)
OSCCLK
CLKIN
SYSCLKOUT
EXIT(1)
XRS, Watchdog interrupt, any enabled
IDLE
00
On
On
On(2)
interrupt, XNMI
On
XRS, Watchdog interrupt, GPIO Port A
STANDBY
01
Off
Off
(watchdog still running)
signal, debugger(3), XNMI
Off
XRS, GPIO Port A signal, XNMI,
HALT
1X
(oscillator and PLL turned off,
Off
Off
debugger(3)
watchdog not functional)
(1)
The Exit column lists which signals or under what conditions the low power mode will be exited. A low signal, on any of the signals, will
exit the low power condition. This signal must be kept low long enough for an interrupt to be recognized by the device. Otherwise the
IDLE mode will not be exited and the device will go back into the indicated low power mode.
(2)
The IDLE mode on the C28x behaves differently than on the 24x/240x. On the C28x, the clock output from the CPU (SYSCLKOUT) is
still functional while on the 24x/240x the clock is turned off.
(3)
On the C28x, the JTAG port can still function even if the CPU clock (CLKIN) is turned off.
The various low-power modes operate as follows:
IDLE Mode:
This mode is exited by any enabled interrupt or an XNMI that is recognized
by the processor. The LPM block performs no tasks during this mode as
long as the LPMCR0(LPM) bits are set to 0,0.
STANDBY Mode:
Any GPIO port A signal (GPIO[31:0]) can wake the device from STANDBY
mode. The user must select which signal(s) will wake the device in the
GPIOLPMSEL register. The selected signal(s) are also qualified by the
OSCCLK before waking the device. The number of OSCCLKs is specified in
the LPMCR0 register.
HALT Mode:
Only the XRS and any GPIO port A signal (GPIO[31:0]) can wake the
device from HALT mode. The user selects the signal in the GPIOLPMSEL
register.
NOTE
The low-power modes do not affect the state of the output pins (PWM pins included).
They will be in whatever state the code left them in when the IDLE instruction was
executed. See the TMS320x2834x Delfino System Control and Interrupts Reference
Guide (literature number SPRUFN1) for more details.
Functional Overview
56
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com