Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC4063 Datasheet(PDF) 13 Page - Linear Technology

Part # LTC4063
Description  Standalone Linear Li-Ion Charger with Micropower Low Dropout Linear Regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4063 Datasheet(HTML) 13 Page - Linear Technology

Back Button LTC4063 Datasheet HTML 9Page - Linear Technology LTC4063 Datasheet HTML 10Page - Linear Technology LTC4063 Datasheet HTML 11Page - Linear Technology LTC4063 Datasheet HTML 12Page - Linear Technology LTC4063 Datasheet HTML 13Page - Linear Technology LTC4063 Datasheet HTML 14Page - Linear Technology LTC4063 Datasheet HTML 15Page - Linear Technology LTC4063 Datasheet HTML 16Page - Linear Technology LTC4063 Datasheet HTML 17Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
13
LTC4063
4063fb
Charge Current Termination
Connecting the TIMER pin to ground selects Charge
Current Termination. With this method, the timer is
disabled and a resistor (RDET) must be connected from
the IDET pin to ground. IDETECT is programmed using the
same equation stated in the previous section (repeated
here for convenience):
I
R
R
I
V
R
or
R
V
I
DETECT
PROG
DET
CHG
DET
DET
DETECT
==
=
10
100
100
•
The charge cycle terminates when the charge current falls
below IDETECT. This condition is detected using an inter-
nal, filtered comparator to monitor the IDET pin. When the
IDET pin falls below 100mV for longer than tTERM (typi-
cally 1.5ms), charging is terminated.
When charging, transient loads on the BAT pin can cause
the IDET pin to fall below 100mV for short periods of time
before the DC current has dropped below the IDETECT
threshold. The 1.5ms filter time (tTERM) on the internal
comparator ensures that transient loads of this nature do
not result in premature charge cycle termination. Once the
average charge current drops below IDETECT, the charger
terminates the charge cycle.
The CHRG output is in its pull-down state when charging
and in its high impedance state once charging has stopped.
Figure 4 describes the operation of the LTC4063 charger
when charge current termination is used.
User-Selectable Charge Termination
Connecting the TIMER pin to VCC selects User-Selectable
Charge Termination, in which all internal termination
features are disabled. The charge cycle continues indefi-
nitely until the charger is shut down through the CHGEN
pin. The IDET pin programs the behavior of the CHRG
output in the same manner as when using Charge Time
Termination. Specifically, when the charge current (IBAT)
is greater than IDETECT, the CHRG output is in its pull-down
state. When the charger enters constant-voltage mode
operation and the charge current falls below IDETECT, the
CHRG output becomes high impedance, indicating that
the battery is charged. If the IDET pin is not connected, the
CHRG output remains in its pull-down state until the
charger is shut down.
APPLICATIO S I FOR ATIO
CHARGE MODE
FULL CURRENT
IBAT < IDETECT
IN VOLTAGE MODE
4063 F04
TRICKLE CHARGE MODE
1/10 FULL CURRENT
BAT > 2.9V
BAT < 2.9V
2.9V < BAT < 4.1V
BAT > 4.1V
BAT < 4.1V
CHGEN = 5V
OR
UVLO CONDITION
STANDBY MODE
NO CHARGE CURRENT
CHRG STATE: Hi-Z
SHUTDOWN MODE
ICC DROPS TO 35µA
CHRG STATE: Hi-Z
CHRG STATE: PULL-DOWN
CHRG STATE: PULL-DOWN
POWER ON
CHGEN = 0V
OR UVLO
CONDITION
STOPS
Figure 4. State Diagram of a Charge Cycle Using Charge Current Termination



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com