Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC4063 Datasheet(PDF) 18 Page - Linear Technology

Part # LTC4063
Description  Standalone Linear Li-Ion Charger with Micropower Low Dropout Linear Regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4063 Datasheet(HTML) 18 Page - Linear Technology

Back Button LTC4063 Datasheet HTML 12Page - Linear Technology LTC4063 Datasheet HTML 13Page - Linear Technology LTC4063 Datasheet HTML 14Page - Linear Technology LTC4063 Datasheet HTML 15Page - Linear Technology LTC4063 Datasheet HTML 16Page - Linear Technology LTC4063 Datasheet HTML 17Page - Linear Technology LTC4063 Datasheet HTML 18Page - Linear Technology LTC4063 Datasheet HTML 19Page - Linear Technology LTC4063 Datasheet HTML 20Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 18 / 20 page
background image
18
LTC4063
4063fb
TYPICAL APPLICATIO S
USB/Wall Adapter Power Li-Ion Charger (Using Charge Current Termination)
+
VCC
TIMER
BAT
PROG
IDET
LTC4063
GND
2k
1
µF
1k
11
8
9
1
10
7
10k
2.5k
µC
5V
WALL ADAPTER
USB
POWER
4063 TA03
Li-Ion
CELL
100mA/
500mA
+
CHRG
TIMER
PROG
IDET
6
7
9
8
BAT
OUT
FB
1
2
3
LTC4063
GND
340k
800mA
160k
11
625
Ω
1.25k
1k
10
2.2
µF
1
µF
0.1
µF
VIN
5V
4063 TA02
VOUT
2.5V
SINGLE CELL
Li-Ion BATTERY
VCC
Full-Featured Li-Ion Charger with 2.5V Regulated Output
(Using Charge Time Termination)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com